Electronic Components Datasheet Search
  English  ▼

X  

9130 Datasheet(PDF) 7 Page - Cisco Systems, Inc.

Part # 9130
Description  Cisco Catalyst 9130AX Series Access Points
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

9130 Datasheet(HTML) 7 Page - Cisco Systems, Inc.

Back Button 9130 Datasheet HTML 3Page - Cisco Systems, Inc. 9130 Datasheet HTML 4Page - Cisco Systems, Inc. 9130 Datasheet HTML 5Page - Cisco Systems, Inc. 9130 Datasheet HTML 6Page - Cisco Systems, Inc. 9130 Datasheet HTML 7Page - Cisco Systems, Inc. 9130 Datasheet HTML 8Page - Cisco Systems, Inc. 9130 Datasheet HTML 9Page - Cisco Systems, Inc. 9130 Datasheet HTML 10Page - Cisco Systems, Inc. 9130 Datasheet HTML 11Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 7 of 17
Item
Specification
802.11ac
●
8x8 downlink MU-MIMO with eight spatial streams
●
MRC
●
802.11ac beamforming
●
20-, 40-, 80-, and 160-MHz channels
●
PHY data rates up to 3.4 Gbps (8x8 80 MHz or Dual 4x4 80+80 MHz on 5GHz)
●
Packet aggregation: A-MPDU (transmit and receive), A-MSDU (transmit and receive)
●
802.11 DFS
●
CSD support
●
Wi-Fi Protected Access (WPA) 3 support
802.11ax
●
8x8 uplink/downlink MU-MIMO with eight spatial streams
●
Uplink/downlink OFDMA
●
TWT
●
BSS coloring
●
MRC
●
802.11ax beamforming
●
20-, 40-, 80-, and 160-MHz channels
●
PHY data rates up to 5.38 Gbps (8x8 80 MHz or Dual 4x4 80+80 MHz on 5GHz and 4x4 20 MHz on 2.4)
●
Packet aggregation: A-MPDU (transmit and receive), A-MSDU (transmit and receive)
●
802.11 DFS
●
CSD support
●
WPA3 support
Integrated antenna
●
2.4 GHz: Peak gain 4 dBi, internal antenna, omnidirectional in azimuth
●
5 GHz: Peak gain 6 dBi, internal antenna, omnidirectional in azimuth
External antenna
with smart antenna
connector
●
The Cisco Catalyst 9130AXE Access Point is certified for use with antenna gains up to 13 dBi (2.4 GHz and 5
GHz)
●
Cisco offers the industry's broadest selection of antennas, delivering optimal coverage for a variety of
deployment scenarios
●
Supports Self-Identifiable Antennas (SIA) on the smart antenna connector
●
Smart antenna connector is a compact multi-RF connector with 8-DART interface
●
Requires the AIR-CAB002-D8-R= 2 ft smart antenna connector when used with antennas with a RP-TNC
connector
●
Requires the AIR-CAB003-D8-N= 3 ft smart antenna connector when used with AIR-ANT2513P4M-N=
antenna
●
For more details, see the Catalyst 9130AX Series Getting Started Guide.
●
For more details on C9130AXE-STA, see C-ANT9104 Hardware Installation Guide
Interfaces
●
1x 100, 1000, 2500, 5000 Multigigabit Ethernet (RJ-45)
●
Management console port (RJ-45)
●
USB 2.0 at 4.5W
Indicators
●
Status LED indicates boot loader status, association status, operating status, boot loader warnings, and boot
loader errors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com