Electronic Components Datasheet Search
  English  ▼

X  

9130 Datasheet(PDF) 4 Page - Cisco Systems, Inc.

Part # 9130
Description  Cisco Catalyst 9130AX Series Access Points
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

9130 Datasheet(HTML) 4 Page - Cisco Systems, Inc.

  9130 Datasheet HTML 1Page - Cisco Systems, Inc. 9130 Datasheet HTML 2Page - Cisco Systems, Inc. 9130 Datasheet HTML 3Page - Cisco Systems, Inc. 9130 Datasheet HTML 4Page - Cisco Systems, Inc. 9130 Datasheet HTML 5Page - Cisco Systems, Inc. 9130 Datasheet HTML 6Page - Cisco Systems, Inc. 9130 Datasheet HTML 7Page - Cisco Systems, Inc. 9130 Datasheet HTML 8Page - Cisco Systems, Inc. 9130 Datasheet HTML 9Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2022 Cisco and/or its affiliates. All rights reserved.
Page 4 of 17
Feature
Benefits
simultaneous transmissions.
Target Wake Time
A new power-saving mode called Target Wake Time (TWT) allows the client to stay
asleep and to wake up only at prescheduled (target) times to exchange data with the
access point. This offers significant energy savings for battery-operated devices, up to
three to four times the savings achieved by 802.11n and 802.11ac.
Intelligent Capture
Intelligent Capture probes the network and provides Cisco DNA Center with deep
analysis. The software can track more than 240 anomalies and instantaneously review
all packets on demand, emulating the onsite network administrator. Intelligent Capture
allows for more informed decisions on your wireless networks.
Flexible Radio Assignment (FRA)
with tri-radio mode
FRA allows the access points to intelligently determine the operating mode of serving
radios based on the RF environment and traffic demands. The access points can
operate in the following modes:
●
Dual-radio mode: One 8x8 5 GHz and one 4x4 2.4 GHz. One radio will serve clients on the 5-
GHz band, while the other serves clients on the 2.4-GHz band.
●
Tri-radio mode:* Dual 4x4 5 GHz and one 4x4 2.4 GHz. With two 4x4 5-GHz and one 4x4 2.4-
GHz radios (tri-radio) inside the access point, client device capacity can be increased on
demand.
The access point’s default mode is dual radio with 8x8 5 GHz and 4x4 2.4 GHz. It has
the ability to split the 8x8 radio into two separate 4x4 5-GHz radios through software,
thereby enabling the benefits of FRA while allowing the 2.4-GHz radio to remain active.
Industry first 8x8 external
antenna access point with smart
antenna connector
The Cisco Catalyst 9130AX Series Access Points are the first in the industry to provide
an 8x8 radio architecture with external antennas. Additionally, these antennas can be
split into a dual 4x4 radio architecture. An intelligent physical antenna connector is
included on the 9130AX Series with an external antenna. This connector provides
advanced network design flexibility for high-density and large open-area environments
such as auditoriums, convention centers, libraries, cafeterias, and arenas/stadiums.
Cisco Embedded Wireless
Controller (EWC)
An Embedded Wireless Controller on the Catalyst 9130AX access points is designed
for networks of all sizes, including small and medium-sized businesses and distributed
enterprises. It provides industry-leading wireless LAN technology without the need for
a physical wireless controller. For more details refer to the EWC data sheet.
Application Hosting on Catalyst
9100 Access
Application Hosting on Catalyst 9100 Access Points helps future-proof and simplify IoT
deployments by eliminating the need to install and manage overlay networks. Utilizing
the USB interface, containerized applications and hardware modules can be deployed
to reduce cost and complexity. Adding Cisco DNA Center provides workflows and
deployment-wide application lifecycle management.
Multigigabit Ethernet support
Multigigabit Ethernet provides uplink speeds of 5 Gbps and 2.5 Gbps, in addition to
100 Mbps and 1 Gbps. All speeds are supported on Category 5e cabling, as well as
10GBASE-T (IEEE 802.3bz) cabling.
Bluetooth 5
Integrated Bluetooth Low Energy (BLE) 5 radio enables location-based use cases such
as asset tracking, wayfinding, and analytics.
Container support for
applications
Container support enables edge computing capabilities for IoT applications on the host
access point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com