Electronic Components Datasheet Search
  English  ▼

X  

CD2025 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CD2025
Description  2.3W x 2 dual-channel audio power amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CD2025 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CD2025 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD2025 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD2025 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD2025 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
华晶双极电路
CD2025CP
5. 特性曲线
6. 外形尺寸
6. 1
HDIP14 封装
36912
15
20
30
40
50
10
36912
2
4
6
8
0
0
0.2
0.4
0.6
0.8
1
10
0.1
1
3
5
7
36
912
15
0.5
1.5
2.5
3.5
0
1
1
2
3
电源电压
Vcc -- (V)
1
THD -- Po
(f=1kHz,Vcc=6V)
立体声
立体声
立体声
立体声
Po -- Vcc
(THD=10%,f=1kHz)
Icc -- Vcc (R
= 4
L
Vo -- Vcc
R =16
L
R =4
L
R =8
L
R =4
L
R =8
L
R =16
L
电源电压
Vcc -- (V)
电源电压
Vcc -- (V)
输出功率 Po
(W)
15
第 4 页 共 4 页



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com