Electronic Components Datasheet Search
  English  ▼

X  

78040 Datasheet(PDF) 2 Page - Alpha Wire

Part # 78040
Description  ALPHA WIRE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

78040 Datasheet(HTML) 2 Page - Alpha Wire

  78040 Datasheet HTML 1Page - Alpha Wire 78040 Datasheet HTML 2Page - Alpha Wire 78040 Datasheet HTML 3Page - Alpha Wire 78040 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable Specifications
Environmental
Properties
1) UL
AWM/STYLE 21460
80°C / 300 VRMS
VW-1
2) CSA International
C(RU) AWM I A/B FT1
80°C / 300 VRMS
3) Other
Halogen-Free
NFPA 79 - 2015 Compliant
4) CE:
EU Low Voltage Directive 2014/35/EC
1) CE: EU Directive 2011/65/EU(RoHS2):
This product complies with European Directive 2011/65/EU (RoHS Directive)
of the European Parliament and of the Council of 8 June 2011and the
amending Directive 2015/863/EU of 4 June 2015 . No Exemptions are
required for RoHS Compliance on this item. Consult Alpha Wire's web site for
RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain Substances of Very High Concern (SVHC)
listed on the European Union's REACH candidate list in excess of 0.1%
mass of the item. For up-to-date information, please see Alpha's REACH
SVHC Declaration.
Physical & Mechanical Properties
1) Temperature Range
-40 to 80°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
59 Lbs, Maximum
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Capacitance
20.3 pF/ft @1 kHz, Nominal Conductor to Conductor
3) Inductance
0.16 µH/ft, Nominal
4) Conductor DCR
15.3 Ω/1000ft @20°C, Nominal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com