Electronic Components Datasheet Search
  English  ▼

X  

78040 Datasheet(PDF) 1 Page - Alpha Wire

Part # 78040
Description  ALPHA WIRE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

78040 Datasheet(HTML) 1 Page - Alpha Wire

  78040 Datasheet HTML 1Page - Alpha Wire 78040 Datasheet HTML 2Page - Alpha Wire 78040 Datasheet HTML 3Page - Alpha Wire 78040 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 78040
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
10 X 1 COND
a) Conductor
22 (19/34) AWG Tinned Copper
0.032
b) Insulation
0.007" Wall, Nom. Modified
Polyphenylene Ether-PE
0.046
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
5
YELLOW
9
SLATE
2
BROWN
6
GREEN
10
WHITE
3
RED
7
BLUE
4
ORANGE
8
VIOLET
2) Cable Assembly
10 Components Cabled
a) Twists:
4.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Jacket
0.015" Wall, Nom.,Modified
Polyphenylene Ether-PE
0.218 (0.230 Max.)
a) Color(s)
SLATE
b) Ripcord
1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 78040 10C 22 AWG
ECOCABLE(R) MINI RU AWM 21460 80C 300V VW-1
C(RU) AWM I A/B FT1 80C 300V
CE ROHS (SEQ FOOTAGE)
* = Factory Code


Similar Part No. - 78040

ManufacturerPart #DatasheetDescription
logo
Wixroyd Group Ltd
78040 WIXROYD-78040 Datasheet
207Kb / 1P
Cabinet Handles
logo
REMA Lipprandt GmbH & C...
78040-00 REMA-78040-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
78040-30 REMA-78040-30 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
Wixroyd Group Ltd
78040.W0004 WIXROYD-78040.W0004 Datasheet
207Kb / 1P
Cabinet Handles
78040.W0006 WIXROYD-78040.W0006 Datasheet
207Kb / 1P
Cabinet Handles
More results

Similar Description - 78040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-2308X ETC-C-2308X Datasheet
87Kb / 1P
ALPHA-NUMERIC DISPLAY
C-808H ETC1-C-808H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
C-508H ETC1-C-508H Datasheet
79Kb / 1P
ALPHA-NUMERIC DISPLAY
logo
Alpha Wire
B953021 ALPHAWIRE-B953021 Datasheet
68Kb / 2P
ALPHA WIRE CUSTOMER PRODUCT SPECIFICATION
logo
List of Unclassifed Man...
5271C ETC-5271C Datasheet
82Kb / 2P
ALPHA WIRE COMPANY CUSTOMER PRODUCT SPECIFICATION
logo
Alpha Wire
FIT295 ALPHAWIRE-FIT295 Datasheet
26Kb / 2P
ALPHA WIRE COMPANY CUSTOMER PRODUCT SPECIFICATION
78012 ALPHAWIRE-78012 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78033 ALPHAWIRE-78033 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78041 ALPHAWIRE-78041 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
78105 ALPHAWIRE-78105 Datasheet
133Kb / 4P
ALPHA WIRE
8/25/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com