Electronic Components Datasheet Search
  English  ▼

X  

5803 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5803
Description  738A ADEMCO™ INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5803 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5803 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
738A INSTALLATION GUIDE
|
DIGITAL MONITORING PRODUCTS
5
ADEMCO COMPATIBILITY
Compatible Ademco Wireless Transmitters and Receivers
Table 4 and Table 5 list current Ademco transmitters and receivers that have been tested by DMP and are compatible
with the module. Other Ademco products have not been evaluated by DMP. The 738A module has not been tested by
UL.
The module supports up to 32 wireless zones. The module can deliver all 32 zones to a DMP panel regardless of the
number of zones assigned by the Ademco wireless receiver model number. For example, a Model 5881ENL 8‑Zone
Receiver delivers 32 wireless zones to the module.
RECEIVER MODEL NUMBER
XT30/XT50 SERIES
AND XR150/XR550 SERIES
5881ENL
8‑Zone Receiver
32 Zones
5881ENM
16 Zone Receiver
32 Zones
5881ENH
64‑Zone Receiver
32 Zones
Note: Dip switches on the 5881 series receiver must be set to zero.
Table 4: Ademco Receivers
SUPERVISED
ADEMCO TYPE
UNSUPERVISED
ADEMCO TYPE
5802MN Miniature Panic Button
BR or UR
5802 Panic Button
BR
5816 Window/Door
RF
5803 3‑Button
BR
5817 3‑Zone
RF
5804 4‑Button
BR
5890 Motion Detector
RF
5804BD 4‑Button *
BR
*
Note: For use with XT30/XT50 Series panels.
*
Note: For use with XT30/XT50 Series panels.
Table 5: Ademco Transmitters
Ademco 5800TM Transmitter Module
The 738A supports the Armed, Alarm, and Ready to Arm status LEDs on an Ademco 5804BD. This requires connecting
an Ademco 5800TM to an XT30/XT50 panel. When a 5800TM is connected as shown in Figure 4. the panel Armed,
Alarm, and Ready to Arm status displays on the Ademco 5804BD Wireless Key LED and sounder. Table 3 describes the
LED and sounder operation. Refer to the Ademco 5804BD Installation Instructions for proper button operation.
Ademco 5804BD Panic Buttons
Use 5804BD buttons A and C to send a panic signal to the DMP panel. Press the A and C buttons at the same time
for two seconds to send a Zone 19 Panic signal to the central station receiver. The zone name information sent to the
receiver contains the first address number that the module is answering.
Note: For use with XT30/XT50 panels. When programming the 5804BD into the panel, you must manually enter the
transmitter ID number in
ZONE INFORMATION.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com