Electronic Components Datasheet Search
  English  ▼

X  

5803 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5803
Description  738A ADEMCO™ INTERFACE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5803 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  5803 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5803 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Designed, engineered, and
manufactured in Springfield, MO
using U.S. and global components.
LT-0377 21523
738A ADEMCO
INTERFACE MODULE
Specifications
Primary Power
12 VDC
Current Draw
75 mA
Dimensions
5.50” W x 3.00” H x 0.75” D
13.97 cm W x 7.62 cm x H x 1.91 cm D
Accessories
Model 300
4‑Wire Harness
Compatibility
XR150/XR550 Series panels
XT30/XT50 Series panels with firmware Version 101 or higher
Certifications
FCC Part 15
MODEL 738A
INTRUSIO N • FIR E • ACCES S • NETWORKS
2500 North Partnership Boulevard
Springfield, Missouri 65803‑8877
800.641.4282 | DMP.com
FCC INFORMATION
This device complies with Part 15 of the FCC Rules. Operation is subject to the following two conditions:
1.
This device may not cause harmful interference, and
2. this device must accept any interference received, including interference that may cause undesired operation.
The antenna used for this transmitter must be installed to provide a separation distance of at least 20 cm (7.874 in.) from
all persons. It must not be located or operated in conjunction with any other antenna or transmitter.
Changes or modifications made by the user and not expressly approved by the party responsible for compliance could
void the user’s authority to operate the equipment.
Note: This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to
part 15 of the FCC Rules. These limits are designed to provide reasonable protection against harmful interference in
a residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not installed
and used in accordance with the instructions, may cause harmful interference to radio communications. However,
there is no guarantee that interference will not occur in a particular installation. If this equipment does cause
harmful interference to radio or television reception, which can be determined by turning the equipment off and on,
the user is encouraged to try to correct the interference by one or more of the following measures:
1.
Reorient or relocate the receiving antenna.
2. Increase the separation between the equipment and receiver.
3. Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
4. Consult the dealer or an experienced radio/TV technician for help.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com