Electronic Components Datasheet Search
  English  ▼

X  

BMD101 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BMD101
Description  BMD101 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BMD101 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BMD101 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
BMD101 Product Brief (Preliminary) 2012
NeuroSky BMD101 Product Brief Rev 0.9.2
NeuroSky Confidential
Page 8
BMD101 Specifications, (Preliminary)
BMD101 Specifications under normal operating conditions
(1),(2),(3)
Symbol
Parameter
Min
Typical
Max
Units
VDD
Input Operating Power Voltage
2.5
3.3
3.6
V
IDD
Input Operating Power Current
700
870
900
uA
VOH
Digital Output Voltage
2.4
3.6
V
VOL
Digital Output Voltage
-0.1
0.4
V
VIH
Digital "1" Input Voltage
1.6
3.6
V
VIL
Digital "0" Input Voltage
0
0.8
V
N/A
UART Baud Rate
57600
bits/sec.
Vsense
Analog Input Operating Voltage
-8
8
mV
GNotch
Notch Filter Gain (50 Hz and 60
Hz)
-62
(4)
-69.6
N/A
dB
FLCO
Low Cutoff Frequency
0.5
Hz
FHCO
High Cutoff Frequency
103
Hz
CMRR
Common Mode Rejection Ratio
82
N/A
dB
SNR
Signal to Noise Ratio
68.2
N/A
dB
PSRR
Power Supply Rejection Ratio
82
N/A
dB
Top
Operating Temperature
(5)
0
25
70
deg. C
HBM
Analog Input ESD Voltage
(6)
-2000
2000
V
(1) Unless otherwise indicated, all parameter limits listed apply within the normal BMD101 operating
temperature range.
(2) The limits listed include only the BMD101. No external circuitry is included.
(3) Gain = 128 linear for all cases.
(4) With respect to Mid Band Gain, (Mid Band is 20 Hz)
(5) Entire ASIC
(6) (Human Body Model) per ANSI/ESDA/JEDEC JS-001-2010
Table 2. BMD101 Specifications, (Preliminary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com