Electronic Components Datasheet Search
  English  ▼

X  

BMD101 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BMD101
Description  BMD101 Product Brief
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BMD101 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BMD101 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 12Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 13Page - List of Unclassifed Manufacturers BMD101 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BMD101 Product Brief (Preliminary) 2012
NeuroSky BMD101 Product Brief Rev 0.9.2
NeuroSky Confidential
Page 11
[CODE] Definitions Table
Extended
Code Level
[CODE]
(Byte)
[LENGTH]
Data Value Meaning
0
0x02
N/A
Signal Quality (0—sensor off, 200—sensor on)
0
0x03
N/A
Real-time Heart Rate (Beats Per Minute)
0
0x08
N/A
Don’t Care
0
0x80
2
16-bit Raw Data (2’s Complement)
0
0x84
5
Don’t Care
0
0x85
3
Don’t Care
Step-By-Step Guide to Parsing a Packet
1. Keep reading bytes from the stream until a [SYNC] byte (0xAA) is encountered.
2. Read the next byte and ensure it is also a [SYNC] byte (if not, return to step 1.)
3. Read the [PLENGTH] byte.
4. Read the next PLENGTH bytes of the [PAYLOAD...], saving them into a storage area (such as an
unsigned char payload [256] array). Sum up each byte as it is read by incrementing a checksum
accumulator.
5. Take the lowest 8 bits of the checksum accumulator and invert them. Here is the C code:
checksum &= 0xFF;
checksum = ~checksum & 0xFF;
6. Read the [CRC] byte and verify that it matches your calculated checksum (if not, return to step 1).
7. Loop until all bytes (and hence, DataRows) have been parsed from the data payload[] array:
a) Parse and count the number of [EXCODE] bytes (0x55) that may be at the beginning of the
current DataRow.
b) Parse the [CODE] byte for the current DataRow.
c) If applicable, parse the [LENGTH] byte for the current DataRow.
d) Parse and handle the [DATA...] byte(s) of the current DataRow, based on the DataRow's
[EXCODE] level, [CODE], and [LENGTH].
e) If not all bytes have been parsed from the payload[] array, return to 7a. to parse the next
DataRow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com