Electronic Components Datasheet Search
  English  ▼

X  

BS412 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BS412
Description  Pyroelectric Infrared Radial Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS412 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  BS412 Datasheet HTML 1Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 2Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 3Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 4Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 5Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 6Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 7Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 8Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SENSOR MANUAL
Page 7 of 9
www.nysenba.com
2. Digital setting style for on-time
No
On-time Voltage
(VDD)
On-time center Voltage
(VDD)
Pull-down- Resistor (
Ω)
(Pull-up=1M)
Time (Td)
(sec)
0
0~1/32VDD
1/64VDD
0R
2
1
1/32VDD~2/32V
DD
3/64VDD
51K
5
2
2/32VDD~3/32V
DD
5/64VDD
82K
10
3
3/32VDD~4/32V
DD
7/64VDD
124K
15
4
4/32VDD~5/32V
DD
9/64VDD
165K
20
5
5/32VDD~6/32V
DD
11/64VDD
210K
30
6
6/32VDD~7/32V
DD
13/64VDD
255K
45
7
7/32VDD~8/32V
DD
15/64VDD
309K
60
8
8/32VDD~9/32V
DD
17/64VDD
360K
90
9
9/32VDD~10/32
VDD
19/64VDD
422K
120
10
10/32VDD~11/3
2VDD
21/64VDD
487K
180
11
11/32VDD~12/3
2VDD
23/64VDD
560K
300
12
12/32VDD~13/3
2VDD
25/64VDD
634K
600
13
13/32VDD~14/3
2VDD
27/64VDD
732K
900
14
14/32VDD~16/3
2VDD
29/64VDD
825K
1800
15
15/32VDD~16/3
2VDD
31/64
953K
3600
 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com