Electronic Components Datasheet Search
  English  ▼

X  

BS412 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BS412
Description  Pyroelectric Infrared Radial Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS412 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  BS412 Datasheet HTML 1Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 2Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 3Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 4Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 5Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 6Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 7Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 8Page - List of Unclassifed Manufacturers BS412 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SENSOR MANUAL
Page 9 of 9
www.nysenba.com
X-Y sectional view
Y
detecting zone
Notes:1.X-Y sectional view represent the detecting
area。
X
2.Objects with temperature difference can be
Detected in the vertical level.
12m
9
6
3
3
6
9
12m
Senba Sensing Technology Co.,Ltd.
Add : 2
nd Floor, No.4 Building,Huawan Industry Zone, Gushu,
Bao’an Dist., Shenzhen City, China
Website: www.nysenba.com
E-mail : lily@sbcds.com.cn
Tel : 86-755-82591842
Fax : 86-755-82594762



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com