Electronic Components Datasheet Search
  English  ▼

X  

ED060SC7 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ED060SC7
Description  TECHNICAL SPECIFICATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ED060SC7 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ED060SC7 Datasheet HTML 3Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 4Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 5Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 6Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 7Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 8Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 9Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 10Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
E Ink Holdings Inc.
ED060SC7
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:7
5. Input/Output Interface
5-1) Connector type: AXT434124
Pin Assignment
Pin #
Signal
Description
Remark
1
VNEG
Negative power supply source driver
2
VPOS
Positive power supply source driver
3
VNEG
Negative power supply source driver
4
VPOS
Positive power supply source driver
5
VDD
Digital power supply drivers
6
VSS
Ground
7
VDD
Digital power supply drivers
8
VSS
Ground
9
XCL
Clock source driver
10
XLE
Latch enable source driver
11
XOE
Output enable source driver
12
XSTL
Start pulse source driver
13
D0
Data signal source driver
14
D1
Data signal source driver
15
D2
Data signal source driver
16
D3
Data signal source driver
17
D4
Data signal source driver
18
D5
Data signal source driver
19
D6
Data signal source driver
20
D7
Data signal source driver
21
VCOM
Common connection
22
SPI_SCL
Serial Data Clock for Flash memory
Note5-1
23
VCOM
Common connection
24
SPI_SDI
Serial Data Input for Flash memory
Note5-1
25
VGG
Positive power supply gate driver
26
MODE1
Output mode selection gate driver
27
VEE
Negative power supply gate driver
28
CKV
Clock gate driver
29
VEE
Negative power supply gate driver
30
SPV
Start pulse gate driver
31
VSS
Ground
32
BORDER
Border connection
33
SPI_NCS
Chip Select for Flash memory
Note5-1
34
SPI_SDO
Serial Data Output for Flash memory
Note5-1
P-511-608(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com