Electronic Components Datasheet Search
  English  ▼

X  

ED060SC7 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ED060SC7
Description  TECHNICAL SPECIFICATION
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ED060SC7 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ED060SC7 Datasheet HTML 7Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 8Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 9Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 10Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 11Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 12Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 13Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 14Page - List of Unclassifed Manufacturers ED060SC7 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
E Ink Holdings Inc.
ED060SC7
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
PAGE:11
6-3 ) Panel AC characteristics
VDD=3.0V to 3.6V, unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Unit
App Pin
Clock frequency
fckv
-
-
200
kHz
Minimum “L” clock pulse width
twL
0.5
-
-
us
Clock rise time
trckv
-
-
100
ns
Clock fall time
tfckv
-
-
100
ns
CKV
Data setup time
tSU
100
-
-
ns
Data hold time
tH
100
-
-
ns
CKV, SPV
Pulse rise time
trspv
-
-
100
ns
Pulse fall time
tfspv
-
-
100
ns
SPV
Clock XCL cycle time
tcy
50
-
DC
ns
D0 ..D7 setup time
tsu
8
-
-
ns
D0 .. D7 hold time
th
1
-
-
ns
XLE on delay time
tLEdly
40
-
-
ns
XLE high-level pulse width
tLEw
40
-
-
ns
XLE off delay time
tLEoff
200
-
-
ns
Output setting time to +/- 30mV(Cload=200pF)
tout
-
-
12
us
Below
table
P-511-608(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com