Electronic Components Datasheet Search
  English  ▼

X  

AAT1149 Datasheet(PDF) 13 Page - Advanced Analogic Technologies

Part # AAT1149
Description  3MHz Fast Transient 400mA Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1149 Datasheet(HTML) 13 Page - Advanced Analogic Technologies

Back Button AAT1149 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 15Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 16Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 17Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AAT1149
3MHz Fast Transient
400mA Step-Down Converter
1149.2006.11.1.0
13
put capacitor. During a step increase in load cur-
rent, the ceramic output capacitor alone supplies
the load current until the loop responds. Within two
or three switching cycles, the loop responds and
the inductor current increases to match the load
current demand. The relationship of the output volt-
age droop during the three switching cycles to the
output capacitance can be estimated by:
Once the average inductor current increases to the
DC load level, the output voltage recovers. The
above equation establishes a limit on the minimum
value for the output capacitor with respect to load
transients.
The internal voltage loop compensation also limits
the minimum output capacitor value to 4.7μF. This
is due to its effect on the loop crossover frequency
(bandwidth), phase margin, and gain margin.
Increased output capacitance will reduce the
crossover frequency with greater phase margin.
The maximum output capacitor RMS ripple current
is given by:
1
23
V
OUT · (VIN(MAX) - VOUT)
RMS(MAX)
I
L · FS · VIN(MAX)
=·
·
COUT =
3 · ΔILOAD
VDROOP · FS
Figure 1: AAT1149 Evaluation Board
Figure 2: Exploded View of Evaluation
Top Side.
Board Top Side.
Figure 3: AAT1149 Evaluation Board
Bottom Side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com