Electronic Components Datasheet Search
  English  ▼

X  

AAT1149 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT1149
Description  3MHz Fast Transient 400mA Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1149 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT1149 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Pin Descriptions
Pin Configuration
SC70JW-8
(Top View)
FB
IN
LX
PGND
PGND
PGND
AGND
EN 1
2
3
45
6
7
8
Pin #
Symbol
Function
1
EN
Enable pin.
2
FB
Feedback input pin. This pin is connected to an external resistive divider for
an adjustable output.
3
IN
Input supply voltage for the converter.
4
LX
Switching node. Connect the inductor to this pin. It is internally connected to
the drain of both high- and low-side MOSFETs.
5
AGND
Non-power signal ground pin.
6, 7, 8
PGND
Main power ground return pins. Connect to the output and input capacitor
return.
AAT1149
3MHz Fast Transient
400mA Step-Down Converter
2
1149.2006.11.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com