Electronic Components Datasheet Search
  English  ▼

X  

DS1207 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1207
Description  Time Key
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1207 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1207 Datasheet HTML 8Page - Dallas Semiconductor DS1207 Datasheet HTML 9Page - Dallas Semiconductor DS1207 Datasheet HTML 10Page - Dallas Semiconductor DS1207 Datasheet HTML 11Page - Dallas Semiconductor DS1207 Datasheet HTML 12Page - Dallas Semiconductor DS1207 Datasheet HTML 13Page - Dallas Semiconductor DS1207 Datasheet HTML 14Page - Dallas Semiconductor DS1207 Datasheet HTML 15Page - Dallas Semiconductor DS1207 Datasheet HTML 16Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
DS1207
021798 12/17
FLOW CHART: PROGRAM MODE, STOP OSCILLATOR Figure 10
Write Command
NO
Stop
Oscillator Stopped
RESET High
RESET Low
24 Bits Including
Function Code
Output in High Z
Match
Program Mode
to Stop Oscillator
SETTING THE TIME UNTIL EXPIRATION OF THE DS1207 Figure 11
Step 1
Program identification memory
Program security match bits
Write normal mode secure data
Step 2
Program write the number of days remaining
Program read the number of days remaining for verification
Step 3*
Issue arm oscillator command
Step 4*
Do a read of any kind
Step 5*
Program read the day clock counter several times (verify that the oscillator is running)
Step 6*
Issue the stop oscillator command
Step 7
Issue the lock command
Step 8
Issue the arm oscillator command
(time of expiration will start on first access)
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com