Electronic Components Datasheet Search
  English  ▼

X  

DS1207 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1207
Description  Time Key
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1207 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1207 Datasheet HTML 9Page - Dallas Semiconductor DS1207 Datasheet HTML 10Page - Dallas Semiconductor DS1207 Datasheet HTML 11Page - Dallas Semiconductor DS1207 Datasheet HTML 12Page - Dallas Semiconductor DS1207 Datasheet HTML 13Page - Dallas Semiconductor DS1207 Datasheet HTML 14Page - Dallas Semiconductor DS1207 Datasheet HTML 15Page - Dallas Semiconductor DS1207 Datasheet HTML 16Page - Dallas Semiconductor DS1207 Datasheet HTML 17Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DS1207
021798 16/17
ABSOLUTE MAXIMUM RATINGS*
Voltage on any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-40
°C to +70°C
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1
VIH
2.0
V
1
Logic 0
VIL
-0.3
+0.8
V
1
Reset Logic 1
VIHE
3.5
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; RST = 3.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
IIL
+500
µA
4
Output Leakage
ILO
+500
µA
Output Current @2.4V
IOH
-1
mA
Output Current @0.4V
IOL
+2
mA
RST Input Resistance
ZRST
10
60
K ohms
D/Q Input Resistance
ZDQ
10
60
K ohms
CLK Input Resistance
ZCLK
10
60
K ohms
RST Current @3.5V
IRST
2
mA
6, 9
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data To CLK Setup
tDC
50
ns
2, 7
CLK to Data Hold
tCDH
70
ns
2, 7
CLK to Data
tCDD
200
ns
2, 3, 5, 7
CLK Low Time Delay
tCL
250
ns
2, 7
CLK High Time
tCH
250
ns
2, 7
CLK Frequency
fCLK
DC
2.0
MHz
2, 7
CLK Rise & Fall
tR, tF
500
ns
2, 7
RST to CLK Setup
tCC
1
µs
2, 7
CLK to RST Hold
tCCH
60
ns
2, 7
RST Inactive Time
tCWH
10
ms
2, 7,
RST To I/O High Z
tCDZ
70
ns
2, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com