Electronic Components Datasheet Search
  English  ▼

X  

SY10EP31V Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EP31V
Description  5V/3.3V, 3GHz PECL/LVPECL D FLIP-FLOP WITH SET AND RESET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP31V Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EP31V Datasheet HTML 1Page - Micrel Semiconductor SY10EP31V Datasheet HTML 2Page - Micrel Semiconductor SY10EP31V Datasheet HTML 3Page - Micrel Semiconductor SY10EP31V Datasheet HTML 4Page - Micrel Semiconductor SY10EP31V Datasheet HTML 5Page - Micrel Semiconductor SY10EP31V Datasheet HTML 6Page - Micrel Semiconductor SY10EP31V Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ECL Pro™
SY10EP31V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage (V
EE = 0)
+6.0 to 0
V
VEE
Power Supply Voltage (V
CC = 0)
–6.0 to 0
V
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (VEE = 0V, VIN not more positive than VCC)
+6.0 to 0
V
IOUT
Output Current
–Continuous
50
mA
–Surge
100
TA
Operating Temperature Range
–40 to +85
°C
TLEAD
Lead Temperature (soldering, 20sec.)
+260
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θJA
Thermal Resistance (Junction-to-Ambient)
SOIC-8
–Still Air
160
°C/W
–500lfpm
109
°C/W
MSOP-8
–Still Air
206
°C/W
–500lfpm
155
°C/W
θJC
Thermal Resistance (Junction-to-Case)
SOIC-8
39
°C/W
MSOP-8
39
°C/W
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions
for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
T
A = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current(3)
—
34
44
—
35
45
—
37
47
mA
VOH
Output HIGH Voltage(4)
3865
3940
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Outuput LOW Voltage(4)
3050
3190
3315
3050
3255
3380
3050
3315
3440
mV
VIH
Input HIGH Voltage
3790
—
4115
3855
—
4180
3915
—
4240
mV
VIL
Input LOW Voltage
3065
—
3390
3130
—
3455
3190
—
3515
mV
IIH
Input HIGH Current
—
—
150
—
—
150
—
—
150
µA
IIL
Input LOW Current
0.5
—
—
0.5
—
—
0.5
—
—
µA
Note 1.
10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
Note 2.
Input and output parameters vary 1:1 with V
CC.
Note 3.
V
CC = 0V, VEE = VEE(min) to VEE(max), all other pins floating.
Note 4.
All loading with 50Ω to VCC – 2.0V.
5V PECL DC ELECTRICAL CHARACTERISTICS(1)
V
CC = +5.0V ±10%, VEE = 0V
(2)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com