Electronic Components Datasheet Search
  English  ▼

X  

BGA120 Datasheet(PDF) 68 Page - Silicon Laboratories

Part # BGA120
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BGA120 Datasheet(HTML) 68 Page - Silicon Laboratories

Back Button BGA120 Datasheet HTML 64Page - Silicon Laboratories BGA120 Datasheet HTML 65Page - Silicon Laboratories BGA120 Datasheet HTML 66Page - Silicon Laboratories BGA120 Datasheet HTML 67Page - Silicon Laboratories BGA120 Datasheet HTML 68Page - Silicon Laboratories BGA120 Datasheet HTML 69Page - Silicon Laboratories BGA120 Datasheet HTML 70Page - Silicon Laboratories BGA120 Datasheet HTML 71Page - Silicon Laboratories BGA120 Datasheet HTML 72Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 261 page
background image
4.1.21 Pulse Counter (PCNT)
Table 4.29. Pulse Counter (PCNT)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input frequency
FIN
Asynchronous Single and Quad-
rature Modes
—
—
20
MHz
Sampled Modes with Debounce
filter set to 0.
—
—
8
kHz
4.1.22 Analog Port (APORT)
Table 4.30. Analog Port (APORT)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply current2 1
IAPORT
Operation in EM0/EM1
—
7
—
µA
Operation in EM2/EM3
—
63
—
nA
Note:
1. Specified current is for continuous APORT operation. In applications where the APORT is not requested continuously (e.g. peri-
odic ACMP requests from LESENSE in EM2), the average current requirements can be estimated by mutiplying the duty cycle of
the requests by the specified continuous current number.
2. Supply current increase that occurs when an analog peripheral requests access to APORT. This current is not included in repor-
ted module currents. Additional peripherals requesting access to APORT do not incur further current.
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com