Electronic Components Datasheet Search
  English  ▼

X  

BGA120 Datasheet(PDF) 37 Page - Silicon Laboratories

Part # BGA120
Description  EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BGA120 Datasheet(HTML) 37 Page - Silicon Laboratories

Back Button BGA120 Datasheet HTML 33Page - Silicon Laboratories BGA120 Datasheet HTML 34Page - Silicon Laboratories BGA120 Datasheet HTML 35Page - Silicon Laboratories BGA120 Datasheet HTML 36Page - Silicon Laboratories BGA120 Datasheet HTML 37Page - Silicon Laboratories BGA120 Datasheet HTML 38Page - Silicon Laboratories BGA120 Datasheet HTML 39Page - Silicon Laboratories BGA120 Datasheet HTML 40Page - Silicon Laboratories BGA120 Datasheet HTML 41Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 261 page
background image
4.1.7.3 Current Consumption 1.8 V without DC-DC Converter
Unless otherwise indicated, typical conditions are: VREGVDD = AVDD = DVDD = 1.8 V. T = 25 °C. DCDC is off. Minimum and maxi-
mum values in this table represent the worst conditions across process variation at T = 25 °C.
Table 4.9. Current Consumption 1.8 V without DC-DC Converter
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Current consumption in EM0
mode with all peripherals dis-
abled
IACTIVE
72 MHz HFRCO, CPU running
Prime from flash
—
120
—
µA/MHz
72 MHz HFRCO, CPU running
while loop from flash
—
120
—
µA/MHz
72 MHz HFRCO, CPU running
CoreMark loop from flash
—
140
—
µA/MHz
50 MHz crystal, CPU running
while loop from flash
—
122
—
µA/MHz
48 MHz HFRCO, CPU running
while loop from flash
—
122
—
µA/MHz
32 MHz HFRCO, CPU running
while loop from flash
—
124
—
µA/MHz
26 MHz HFRCO, CPU running
while loop from flash
—
126
—
µA/MHz
16 MHz HFRCO, CPU running
while loop from flash
—
131
—
µA/MHz
1 MHz HFRCO, CPU running
while loop from flash
—
315
—
µA/MHz
Current consumption in EM0
mode with all peripherals dis-
abled and voltage scaling
enabled
IACTIVE_VS
19 MHz HFRCO, CPU running
while loop from flash
—
107
—
µA/MHz
1 MHz HFRCO, CPU running
while loop from flash
—
259
—
µA/MHz
Current consumption in EM1
mode with all peripherals dis-
abled
IEM1
72 MHz HFRCO
—
57
—
µA/MHz
50 MHz crystal
—
59
—
µA/MHz
48 MHz HFRCO
—
59
—
µA/MHz
32 MHz HFRCO
—
61
—
µA/MHz
26 MHz HFRCO
—
63
—
µA/MHz
16 MHz HFRCO
—
68
—
µA/MHz
1 MHz HFRCO
—
252
—
µA/MHz
Current consumption in EM1
mode with all peripherals dis-
abled and voltage scaling
enabled
IEM1_VS
19 MHz HFRCO
—
55
—
µA/MHz
1 MHz HFRCO
—
207
—
µA/MHz
Current consumption in EM2
mode, with voltage scaling
enabled
IEM2_VS
Full 512 kB RAM retention and
RTCC running from LFXO
—
3.7
—
µA
Full 512 kB RAM retention and
RTCC running from LFRCO
—
4.0
—
µA
16 kB (1 bank) RAM retention and
RTCC running from LFRCO2
—
2.5
—
µA
EFM32GG11 Family Data Sheet
Electrical Specifications
silabs.com | Building a more connected world.
Rev. 1.2 | 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com