Electronic Components Datasheet Search
  English  ▼

X  

BK1079UB Datasheet(PDF) 1 Page - Beken Corporation

Part # BK1079UB
Description   Single-core FM broadcast receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK1079UB Datasheet(HTML) 1 Page - Beken Corporation

  BK1079UB Datasheet HTML 1Page - Beken Corporation BK1079UB Datasheet HTML 2Page - Beken Corporation BK1079UB Datasheet HTML 3Page - Beken Corporation BK1079UB Datasheet HTML 4Page - Beken Corporation BK1079UB Datasheet HTML 5Page - Beken Corporation BK1079UB Datasheet HTML 6Page - Beken Corporation BK1079UB Datasheet HTML 7Page - Beken Corporation BK1079UB Datasheet HTML 8Page - Beken Corporation BK1079UB Datasheet HTML 9Page - Beken Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BK1079
Rev.1.3
Copyright@2011 by Beken
Corporation
BK1079
Beken Confidential. Information contained herein is covered under non-disclosure agreement (NDA).
单芯片调频广播接收器
特性
 支持频段: 76~108 MHz
 自动增益控制(AGC)
 自动频率控制(AFC)
 自动搜台
 信号质量评估
 自动噪声抑制
 75us 去加重
 供电电压:2.0 ~ 3.6 V
 工作电流: 22 mA
 32.768 kHz 晶体振荡器
 支持无外部时钟输入工作模式
 极少的外围器件
 封装:10-pin MSOP 和 10-pin SSOP
应用
 玩具
 个人媒体播放器
概述
BK1079 是一颗单芯片调频广播接收器,其
应用了低中频架构、混频信号镜像抑制和
全数字解调技术。BK1079 的电台搜索运用
了信道接收信号强度(RSSI)预测和信号
质量评估技术,这可以在避免假台的同时
增加接收电台的数量。使用BK1079 可使
FM 收音机实现低功耗、小体积和最小数量
的外围器件。
1
RFGND
PWD
2
3
4
5
7
9
10 SEEK
VOL
RCLK
RST
VDD
AOUT
BAND
BK1079
8
FMIN
6
MSOP10 和 SSOP10
管脚定义图(俯视图)
功能模块图
DAC
Interface
ADC
PGA
APLL
DPLL
REG
BK1079
2.0-3.6 V VDD
RCLK
32.768KHz
SEEK
PWD
LNA
AOUT
FMIN
Tuning system
RF/Analog
AGC
FM
DEMOD
VOL


Similar Part No. - BK1079UB

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
logo
Power-One
BK1001-7R POWER-ONE-BK1001-7R Datasheet
173Kb / 4P
150 Watt DC-DC Converters
logo
Taiyo Yuden (U.S.A.), I...
BK1005 TAIYO-YUDEN-BK1005 Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1005HM101-T TAIYO-YUDEN-BK1005HM101-T Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
BK1005HM102 TAIYO-YUDEN-BK1005HM102 Datasheet
1Mb / 27P
MULTILAYER CHIP BEAD INDUCTORS (BK SERIES)
More results

Similar Description - BK1079UB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72700E SANYO-LC72700E Datasheet
200Kb / 14P
Mobile FM Multiplex Broadcast Receiver LSI
logo
Silicon Laboratories
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
Broadcast AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
BROADCAST AM/FM RADIO RECEIVER
logo
ON Semiconductor
LC72717PW ONSEMI-LC72717PW Datasheet
254Kb / 27P
Mobile FM Multiplex Broadcast Receiver IC
March, 2014
logo
Silicon Laboratories
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
BROADCAST AM/FM RADIO RECEIVER
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com