Electronic Components Datasheet Search
  English  ▼

X  

BL702 Datasheet(PDF) 31 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702 Datasheet(HTML) 31 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702 Datasheet HTML 27Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 28Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 29Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 31Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 32Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 33Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 34Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 35Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
BL702/704/706 Datasheet
6.2.1 Power characteristics
Table 6.2: Recommended Power Operating Range
Pin Name
Min.
Typ
Max.
Unit
VDDIO_1
1.62/1.8
1.8/3.3
1.92/3.63
V
VDDIO_2
1.8
3.3
3.63
V
VDDIO_3
1.8
3.3
3.63
V
VDDBUS_USB
4.5
5
5.5
V
AVDD33_AON
1.8
3.3
3.63
V
AVDD33_PA
1.4/2.97
1.5/3.3
1.6/3.63
V
AVDD33_RF
1.4/2.97
1.5/3.3
1.6/3.63
V
6.2.2 Temperature sensor characteristics
Table 6.3: Recommended Temperature Operating Range
Item
Min.
Max.
Unit
Temperature
Main Die
-40
105
◦C
Multi-Die SiP
-40
85
◦C
6.2.3 General operating conditions
Table 6.4: General Operating Conditions
Item
Description
Min.
Typ
Max.
Unit
FCPU
CPU/TCM/Cache
clock frequency
0
32
144
MHz
FSYS
System clock
frequency
0
32
72
MHz
6.2.4 GPADC characteristics
BL702/704/706 Datasheet
31/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com