Electronic Components Datasheet Search
  English  ▼

X  

BL702 Datasheet(PDF) 34 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Part # BL702
Description  BL702/BL704/BL706 is highly integrated BLE and zigbee combo chipsets for IoT applications.
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOUFFALOALB [Bouffalo Lab Intelligent Technology Co., Ltd.]
Direct Link  https://en.bouffalolab.com/
Logo BOUFFALOALB - Bouffalo Lab Intelligent Technology Co., Ltd.

BL702 Datasheet(HTML) 34 Page - Bouffalo Lab Intelligent Technology Co., Ltd.

Back Button BL702 Datasheet HTML 30Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 31Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 32Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 33Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 34Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 35Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 36Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 37Page - Bouffalo Lab Intelligent Technology Co., Ltd. BL702 Datasheet HTML 38Page - Bouffalo Lab Intelligent Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
7
Product use
7.1 Moisture Sensitivity Level(MSL)
The moisture sensitivity level of the chip is: MSL3. After the vacuum package is opened, it needs to be used up within
168 hours (7 days) at ≤30°C/60%RH, otherwise it needs to be baked and put online.
For baking temperature and time, please refer to IPC/JEDECJ-STD-033B01.
Table 7.1: Reference Conditions for Drying Mounted or Unmounted SMD Packages
(User Bake: Floor life begins counting at time = 0 after bake)
Package Body
Level
Bake @ 125°C
Bake @ 90°C
Bake @ 40°C
Bake @ 125°C
≤5% RH
≤5% RH
Exceeding
Exceeding
Exceeding
Exceeding
Exceeding
Exceeding
Floor Life
Floor Life
Floor Life
Floor Life
Floor Life
Floor Life
Package Body
Level
by >72 h
by ≤72 h
by >72 h
by ≤72 h
by >72 h
by ≤72 h
Thickness ≤1.4 mm
2
5 hours
3 hours
17 hours
11 hours
8 days
5 days
2a
7 hours
5 hours
23 hours
13 hours
9 days
7 days
3
9 hours
7 hours
33 hours
23 hours
13 days
9 days
4
11 hours
7 hours
37 hours
23 hours
15 days
9 days
5
12 hours
7 hours
41 hours
24 hours
17 days
10 days
5a
16 hours
10 hours
54 hours
24 hours
22 days
10 days
BL702/704/706 Datasheet
34/ 47
@2021 Bouffalo Lab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com