Electronic Components Datasheet Search
  English  ▼

X  

EN18A Datasheet(PDF) 5 Page - TAITRON Components Incorporated

Part # EN18A
Description  1 A Low Dropout Positive Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EN18A Datasheet(HTML) 5 Page - TAITRON Components Incorporated

  EN18A Datasheet HTML 1Page - TAITRON Components Incorporated EN18A Datasheet HTML 2Page - TAITRON Components Incorporated EN18A Datasheet HTML 3Page - TAITRON Components Incorporated EN18A Datasheet HTML 4Page - TAITRON Components Incorporated EN18A Datasheet HTML 5Page - TAITRON Components Incorporated EN18A Datasheet HTML 6Page - TAITRON Components Incorporated EN18A Datasheet HTML 7Page - TAITRON Components Incorporated EN18A Datasheet HTML 8Page - TAITRON Components Incorporated EN18A Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
1A Low Dropout Positive Voltage Regulator
Rev. A/LX
LD1117A12/ADJ -LD1117A50/ADJ
www.taitroncomponents.com
Page 5 of 21
PN
Marking Code
Outline
Temperatue
Range
RoHS
Halogen Free
RoHS
Halogen
Free
Packing
Type
LD1117AADJMC-08-
TR30
LD1117AADJMC-08-
RG30
AZ1117S
-ADJEA
AZ1117S
-ADJGA
Tape & Reel
LD1117AADJMC-08-TU
LD1117AADJMC-08-UG
AZ1117S
-ADJEA
AZ1117S
-ADJGA
Tube
LD1117A12MC-08-TR30
LD1117A12MC-08-RG30
AZ1117S
-1.2EA
AZ1117S
-1.2GA
Tape & Reel
LD1117A12MC-08-TU
LD1117A12MC-08-UG
AZ1117S
-1.2EA
AZ1117S
-1.2GA
Tube
LD1117A15MC-08-TR30
LD1117A15MC-08-RG30
AZ1117S
-1.5EA
AZ1117S
-1.5GA
Tape & Reel
LD1117A15MC-08-TU
LD1117A15MC-08-UG
AZ1117S
-1.5EA
AZ1117S
-1.5GA
Tube
LD1117A18MC-08-TR30
LD1117A18MC-08-RG30
AZ1117S
-1.8EA
AZ1117S
-1.8GA
Tape & Reel
LD1117A18MC-08-TU
LD1117A18MC-08-UG
AZ1117S
-1.8EA
AZ1117S
-1.8GA
Tube
LD1117A25MC-08-TR30
LD1117A25MC-08-RG30
AZ1117S
-2.5EA
AZ1117S
-2.5GA
Tape & Reel
LD1117A25MC-08-TU
LD1117A25MC-08-UG
AZ1117S
-2.5EA
AZ1117S
-2.5GA
Tube
LD1117A285MC-08-
TR30
LD1117A285MC-08-
RG30
AZ1117S
-2.85EA
AZ1117S
-2.85GA
Tape & Reel
LD1117A285MC-08-TU
LD1117A285MC-08-UG
AZ1117S
-2.85EA
AZ1117S
-2.85GA
Tube
LD1117A33MC-08-TR30
LD1117A33MC-08-RG30
AZ1117S
-3.3EA
AZ1117S
-3.3GA
Tape & Reel
LD1117A33MC-08-TU
LD1117A33MC-08-UG
AZ1117S
-3.3EA
AZ1117S
-3.3GA
Tube
LD1117A50MC-08-TR30
LD1117A50MC-08-RG30
AZ1117S
-5.0EA
AZ1117S
-5.0GA
Tape & Reel
D
2PAK
-40°C to 125°C
LD1117A50MC-08-TU
LD1117A50MC-08-UG
AZ1117S
-5.0EA
AZ1117S
-5.0GA
Tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com