Electronic Components Datasheet Search
  English  ▼

X  

EN18A Datasheet(PDF) 16 Page - TAITRON Components Incorporated

Part # EN18A
Description  1 A Low Dropout Positive Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

EN18A Datasheet(HTML) 16 Page - TAITRON Components Incorporated

Back Button EN18A Datasheet HTML 12Page - TAITRON Components Incorporated EN18A Datasheet HTML 13Page - TAITRON Components Incorporated EN18A Datasheet HTML 14Page - TAITRON Components Incorporated EN18A Datasheet HTML 15Page - TAITRON Components Incorporated EN18A Datasheet HTML 16Page - TAITRON Components Incorporated EN18A Datasheet HTML 17Page - TAITRON Components Incorporated EN18A Datasheet HTML 18Page - TAITRON Components Incorporated EN18A Datasheet HTML 19Page - TAITRON Components Incorporated EN18A Datasheet HTML 20Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
1A Low Dropout Positive Voltage Regulator
Rev. A/LX
LD1117A12/ADJ -LD1117A50/ADJ
www.taitroncomponents.com
Page 16 of 21
Time (20us/Div)
Time (10us/Div)
LD1117A33
VIN=4.8 to5.8V
IO=100mA
CIN=1uF
COUT=10uF
VIN=4.8V
IO=100mA to 500mA
CIN=10uF
COUT=10uF
Fig.10 PSRR-f
Frequency f (Hz)
Operation Case Temperature TC (°C)
Fig.9 PD-TC
LD1117A33
Fig.11 Line Transient Response
Fig.12 Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com