Electronic Components Datasheet Search
  English  ▼

X  

LD7531 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD7531
Description  Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7531 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD7531 Datasheet HTML 6Page - Leadtrend Technology LD7531 Datasheet HTML 7Page - Leadtrend Technology LD7531 Datasheet HTML 8Page - Leadtrend Technology LD7531 Datasheet HTML 9Page - Leadtrend Technology LD7531 Datasheet HTML 10Page - Leadtrend Technology LD7531 Datasheet HTML 11Page - Leadtrend Technology LD7531 Datasheet HTML 12Page - Leadtrend Technology LD7531 Datasheet HTML 13Page - Leadtrend Technology LD7531 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD7531
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7531-DS-00 June 2008
Oscillator and Switching Frequency
The switching frequency of LD7531 is programmed as an
external resistor on RT to provide the optimized operations
by considering the EMI performance, thermal treatment,
component sizes and transformer design.
Internal Slope Compensation
In the conventional application, the problem of the stability is
a critical issue for current mode controlling, when it operates
in higher than 50% of the duty-cycle. As UC384X, It takes
slope compensation from injecting the ramp signal of the
RT/CT pin through a coupling capacitor. It therefore requires
no extra design for the LD7531 since it has integrated it
already.
On/Off Control
The LD7531 can be turned off by pulling COMP pin lower
than 1.2V.
The gate output pin of the LD7531 will be
disabled immediately under such condition. The off-mode
can be released when the pull-low signal is removed.
Dual-Oscillator Green-Mode Operation
There are many different topologies has been implemented
in different chips for the green-mode or power saving
requirements such as “burst-mode control”, “skipping-cycle
mode”, “variable off-time control “…etc. The basic operation
theory of all these approaches intended to reduce the
switching cycles under light-load or no-load condition either
by skipping some switching pulses or reduce the switching
frequency.
By using this dual-oscillator control, the green-mode
frequency can be well controlled and further to avoid the
generation of audible noise.
OVP (Over Voltage Protection) on Vcc
The VGS ratings of the nowadays power MOSFETs are often
limited up to max. 30V. To prevent the VGS from the fault
condition, LD7531 is implemented an OVP function on Vcc.
Whenever the Vcc voltage is higher than the OVP threshold
voltage, the output gate drive circuit will be shutdown
simultaneously thus to stop the switching of the power
MOSFET until the next UVLO(on).
The Vcc OVP function in LD7531 is an auto-recovery type
protection. If the OVP condition, usually caused by the
feedback loop opened, is not released, the Vcc will tripped
the OVP level again and re-shutdown the output. The Vcc
is working as a hiccup mode. The Figure 18 shows its
operation.
On the other hand, if the OVP condition is removed, the Vcc
level will get back to normal level and the output will
automatically return to the normal operation.
Fig. 18
Over Load Protection (OLP)
To protect the circuit from being damaged under over load
condition or short condition, a smart OLP function is
implemented in the LD7531. The Figure 19 shows the
waveforms of the OLP operation. In this case, the feedback
system will force the voltage loop proceed toward the
saturation and then pull up the voltage on COMP pin
(VCOMP). Whenever the VCOMP trips up to the OLP threshold
5V and stays longer than the OLP delay time, the protection
will activate and then turn off the gate output to stop the
switching of power circuit. The OLP delay time is to prevent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com