Electronic Components Datasheet Search
  English  ▼

X  

LD7531 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD7531
Description  Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7531 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD7531 Datasheet HTML 9Page - Leadtrend Technology LD7531 Datasheet HTML 10Page - Leadtrend Technology LD7531 Datasheet HTML 11Page - Leadtrend Technology LD7531 Datasheet HTML 12Page - Leadtrend Technology LD7531 Datasheet HTML 13Page - Leadtrend Technology LD7531 Datasheet HTML 14Page - Leadtrend Technology LD7531 Datasheet HTML 15Page - Leadtrend Technology LD7531 Datasheet HTML 16Page - Leadtrend Technology LD7531 Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LD7531
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7531-DS-00 June 2008
Reference Application Circuit --- 50W (12V/4.2A) Adapter
BOM
P/N
Component Value
Note
P/N
Component Value
Note
R1A
1M
Ω, 1206, 1%
C1
100
μF, 400V
TY
R1B
1M
Ω, 1206, 1%
C2
1000pF,
1000V,
1206
R2A
1M
Ω, 1206, 1%
C4
3.3
μF, 50V
LZG
R2C
1M
Ω, 1206, 1%
C5
220pF, 50V, 0805
R2E
1M
Ω, 1206, 1%
C6
3.3nF, 50V, 0805
R4A/1
100K
Ω, 1206, 1%
C8
10
μF, 50V
LZG
R4A/2
100K
Ω, 1206, 1%
C9
NA
R4B/1
100K
Ω, 1206, 1%
C51
1000pF, 1000V,
1206
R4B/2
100K
Ω, 1206, 1%
C52
220
μF, 25V
LZG
R5A
22
Ω, 1206, 1%
C53
1500
μF, 16V
LZG
R5B
22
Ω, 1206, 1%
C54
1500
μF, 16V
LZG
R6
0
Ω, 1206, 5%
C55
10nF, 50V, 0805
R8
0.43
Ω, 2WS
C99
NA
R9
200
Ω, 0805, 1%
CX1
0.33
μF, X-cap
R10
15
Ω, 1206, 1%
CY1
2200pF,Y-cap,
class1
R11
20K
Ω, 1206, 1%
D1
1N4007
RT
100K
Ω, 0805, 1%
D2
1N4007
R51A
75
Ω, 1206, 1%
D3
1N4148,
R51B
75
Ω, 1206, 1%
D4
1N4148
R52
9.53K
Ω, 0805, 1%
Q1
8A, 600V
R53
2.49K
Ω, 0805, 1%
BD1
2A, 600V
R54
510
Ω, 0805, 1%
CR51
10A, 100V
R55
3K
Ω, 0805, 1%
ZD1
NA
R56
NA
ZD51
NA
R99A
4.7K
Ω, 1206, 1%
IC1
LD7531
Leadtrend
R99B
NA
IC2
EL817B
R99C
NA
IC51
KA431, 1%
NTC1
3A, 5
Ω
F1
250V, T2A
Walter
LF1
Leadtrend’s Design
MOV1
NA
LF2
Leadtrend’s Design
T1
Leadtrend’s Design
L51
Leadtrend’s Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com