Electronic Components Datasheet Search
  English  ▼

X  

LD7535 Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7535
Description  Green-Mode PWM Controller with Integrated Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7535 Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7535 Datasheet HTML 1Page - Leadtrend Technology LD7535 Datasheet HTML 2Page - Leadtrend Technology LD7535 Datasheet HTML 3Page - Leadtrend Technology LD7535 Datasheet HTML 4Page - Leadtrend Technology LD7535 Datasheet HTML 5Page - Leadtrend Technology LD7535 Datasheet HTML 6Page - Leadtrend Technology LD7535 Datasheet HTML 7Page - Leadtrend Technology LD7535 Datasheet HTML 8Page - Leadtrend Technology LD7535 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LD7535/LD7535A
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7535&LD7535A-DS-01c December 2007
Pin Configuration (LD7535)
DIP-8 (TOP VIEW)
YY,
Y : Year code (D: 2004, E: 2005…..)
WW, W: Week code
P
:
LD75..
(Product family code)
##
:
Production code
1
8
2
3
4
7
6
5
TOP MARK
YYWW##
Y The PB free package is identified
in embossed font while green
package in regular font.
12
3
4
5
6
WP 35
Y
SOT-26 (TOP VIEW)
Pin Configuration (LD7535A)
DIP-8 (TOP VIEW)
YY,
Y : Year code (D: 2004, E: 2005…..)
WW, W: Week code
P
:
LD75..
(Product family code)
##
:
Production code
1
8
2
3
4
7
6
5
TOP MARK
YYWW##
Y The PB free package is identified
in embossed font while green
package in regular font.
12
3
4
5
6
WP 35A
Y
SOT-26 (TOP VIEW)
Ordering Information
Part number
Package
TOP MARK
Shipping
LD7535 BL
SOT-26
PB Free
YWP/35
3000 /tape & reel
LD7535 GL
SOT-26
Green Package
YWP/35
3000 /tape & reel
LD7535 BN
DIP-8
PB Free
LD7535BN
3600 /tube /Carton
LD7535A BL
SOT-26
PB Free
YWP/35A
3000 /tape & reel
LD7535A GL
SOT-26
Green Package
YWP/35A
3000 /tape & reel
LD7535A BN
DIP-8
PB Free
LD7535ABN
3600 /tube /Carton
The LD7535/ LD7535A are ROHS Complaint/ Green Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com