Electronic Components Datasheet Search
  English  ▼

X  

LD7535 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD7535
Description  Green-Mode PWM Controller with Integrated Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7535 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD7535 Datasheet HTML 1Page - Leadtrend Technology LD7535 Datasheet HTML 2Page - Leadtrend Technology LD7535 Datasheet HTML 3Page - Leadtrend Technology LD7535 Datasheet HTML 4Page - Leadtrend Technology LD7535 Datasheet HTML 5Page - Leadtrend Technology LD7535 Datasheet HTML 6Page - Leadtrend Technology LD7535 Datasheet HTML 7Page - Leadtrend Technology LD7535 Datasheet HTML 8Page - Leadtrend Technology LD7535 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LD7535/LD7535A
12/11/2007
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7535&LD7535A-DS-01c December 2007
Green-Mode PWM Controller with Integrated Protections
Rev. 01c
General Description
The LD7535/LD7535A are low cost, low startup current,
current mode PWM controllers with green-mode power-
saving operation.
The integrated functions include the
leading-edge blanking of the current sensing, internal slope
compensation and the tiny package of SOT-26. They
provide the users a superior AC/DC power application of
higher efficiency, low external component counts, and lower
cost solution.
Furthermore, LD7535/LD7535A features more protections
like OLP (Over Load Protection) and OVP (Over Voltage
Protection) to eliminate the external protection circuits. And
to satisfy different designs, 2 versions of OVP levels are
implemented as ---
LD7535 --- 28.0V
± 1.5V.
LD7535A --- 21.0V
± 1.5V.
Features
High-Voltage CMOS Process with Excellent ESD
protection
Very Low Startup Current (<20
μA)
Current Mode Control
Non-audible-noise Green Mode Control
UVLO (Under Voltage Lockout)
LEB (Leading-Edge Blanking) on CS Pin
Programmable Switching Frequency
Internal Slope Compensation
OVP (Over Voltage Protection) on Vcc Pin
OLP (Over Load Protection)
300mA Driving Capability
Applications
Switching AC/DC Adaptor and Battery Charger
Open Frame Switching Power Supply
384X Replacement
Typical Application
www.DataSheet4U.net


Similar Part No. - LD7535

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD7530 LEADTREND-LD7530 Datasheet
340Kb / 19P
Green-Mode PWM Controller with Integrated Protections and Adjustable OLP Delay Time
12/5/2007
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GL LEADTREND-LD7536GL Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7536GN LEADTREND-LD7536GN Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD7535

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7A6003 HOLTEK-HT7A6003 Datasheet
1Mb / 11P
EMI-Improved Green Mode PWM Controller with Integrated Protections
HT7A6003 HOLTEK-HT7A6003_16 Datasheet
1Mb / 10P
EMI-Improved Green Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD7552B LEADTREND-LD7552B Datasheet
300Kb / 16P
Green-Mode PWM Controller with Integrated Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
Green-Mode PWM Controller with Integrated Protections
GR8836 GRENERGY-GR8836 Datasheet
857Kb / 13P
Green-Mode PWM Controller with Integrated Protections
GR8874 GRENERGY-GR8874 Datasheet
904Kb / 15P
Green-Mode PWM Controller with Integrated Protections
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
Green-Mode PWM Controller with Integrated Protections
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com