Electronic Components Datasheet Search
  English  ▼

X  

R460PF2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # R460PF2
Description  4 A, 600 V, STEALTH Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R460PF2 Datasheet(HTML) 2 Page - ON Semiconductor

  R460PF2 Datasheet HTML 1Page - ON Semiconductor R460PF2 Datasheet HTML 2Page - ON Semiconductor R460PF2 Datasheet HTML 3Page - ON Semiconductor R460PF2 Datasheet HTML 4Page - ON Semiconductor R460PF2 Datasheet HTML 5Page - ON Semiconductor R460PF2 Datasheet HTML 6Page - ON Semiconductor R460PF2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISL9R460PF2
www.onsemi.com
2
DEVICE MAXIMUM RATINGS TC = 25°C unless otherwise noted
Symbol
Parameter
Rating
Unit
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current (TC = 108°C)
4
A
IFRM
Repetitive Peak Surge Current (20 kHz Square Wave)
8
A
IFSM
Nonrepetitive Peak Surge Current (Halfwave 1 Phase 60 Hz)
50
A
PD
Power Dissipation
22
W
EAVL
Avalanche Energy (0.5 A, 80 mH)
10
mJ
TJ, TSTG
Operating and Storage Temperature Range
−55 to 175
°C
TL TPKG
Maximum Temperature for Soldering
Leads at 0.063in (1.6 mm) from Case for 10s Package Body for 10s, See Techbrief TB334
300
260
°C
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
PACKAGE MARKING AND ORDERING INFORMATION
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
ISL9R460PF2
R460PF2
TO−220F−2L
Tube
N/A
N/A
50
ELECTRICAL CHARACTERISTICS TC = 25°C unless otherwise noted
Parameter
Conditions
Min
Typ
Max
Unit
OFF STATE CHARACTERISTICS
IR
Instantaneous Reverse Current
VR = 600 V
TC = 25°C
−
−
100
mA
TC = 125°C
−
−
1.0
mA
ON STATE CHARACTERISTICS
VF
Instantaneous Forward Voltage
IF = 4 A
TC = 25°C
−
2.0
2.4
V
TC = 125°C
−
1.6
2.0
V
DYNAMIC CHARACTERISTICS
CJ
Junction Capacitance
VR = 10 V, IF = 0 A
−
19
−
pF
SWITCHING CHARACTERISTICS
tRR
Reverse Recovery Time
IF = 1 A, diF/dt = 100 A/ms, VR = 30 V
−
17
20
ns
IF = 4 A, dIF/dt = 100 A/ms, VR = 30
V
−
19
22
ns
tRR
Reverse Recovery Time
IF = 4 A,
diF/dt = 200 A/ms,
VR = 390 V, TC = 25°C
−
17
−
ns
IRR
Reverse Recovery Current
−
2.6
−
A
QRR
Reverse Recovered Charge
−
22
−
nC
tRR
Reverse Recovery Time
IF = 4 A,
diF/dt = 200 A/ms, VR = 390 V,
TC = 125°C
−
77
−
ns
S
Softness Factor (tb/ta)
−
4.2
−
IRR
Reverse Recovery Current
−
2.8
−
A
QRR
Reverse Recovered Charge
−
100
−
nC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com