Electronic Components Datasheet Search
  English  ▼

X  

R460PF2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # R460PF2
Description  4 A, 600 V, STEALTH Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

R460PF2 Datasheet(HTML) 3 Page - ON Semiconductor

  R460PF2 Datasheet HTML 1Page - ON Semiconductor R460PF2 Datasheet HTML 2Page - ON Semiconductor R460PF2 Datasheet HTML 3Page - ON Semiconductor R460PF2 Datasheet HTML 4Page - ON Semiconductor R460PF2 Datasheet HTML 5Page - ON Semiconductor R460PF2 Datasheet HTML 6Page - ON Semiconductor R460PF2 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ISL9R460PF2
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS TC = 25°C unless otherwise noted (continued)
Parameter
Unit
Max
Typ
Min
Conditions
SWITCHING CHARACTERISTICS
tRR
Reverse Recovery Time
IF = 4 A,
diF/dt = 400 A/ms, VR = 390 V,
TC = 125°C
−
54
−
ns
S
Softness Factor (tb/ta)
−
3.5
−
IRR
Reverse Recovery Current
−
4.3
−
A
QRR
Reverse Recovered Charge
110
−
nC
dIM/dt
Maximum di/dt during tb
−
500
−
A/ms
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance Junction to Case
−
−
5.7
°C/W
RθJA
Thermal Resistance Junction to Ambient
TO−220F
−
−
70
°C/W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
TYPICAL PERFORMANCE CURVES
TC = 25°C unless otherwise noted
Figure 1. Forward Current vs Forward Voltage
Figure 2. Reverse Current vs Reverse Voltage
Figure 3. tA and tB Curves vs Forward Current
Figure 4. tA and tB Curves vs diF/dt
Forward Voltage, VF [V]
Reverse Voltage, VR [V]
Forward Current, IF [A]
Current Rate of Change, diF/dt [A/ms]
00.5
11.5
22.5
0
1
2
3
4
5
6
7
8
3
100
10
1
100
200
300
500
600
400
0.1
600
0
20
30
40
50
70
80
90
1234
tB AT diF/dt = 200A/μs, 500A/μs, 800A/μs
tA AT diF/dt = 200A/ms, 500A/ms, 800A/ms
60
10
VR = 390V, TJ = 125oC
100
0
20
40
60
80
700
1000
200
300
400
500
600
800
900
100
120
tB AT IF = 8A, 4A, 2A
tA AT IF = 8A, 4A, 2A
VR = 390V, TJ = 125oC
150°C
25°C
100°C
125°C
75°C
56
78
150°C
100°C
25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com