Electronic Components Datasheet Search
  English  ▼

X  

AAT3131 Datasheet(PDF) 9 Page - Advanced Analog Technology, Inc.

Part # AAT3131
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3131 Datasheet(HTML) 9 Page - Advanced Analog Technology, Inc.

Back Button AAT3131 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 13Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Table 1: Constant Current Source Output
Programming Levels.
EN/SET Serial Interface
The current source output magnitude is controlled
by the EN/SET serial data interface. The interface
records rising edges of the EN/SET pin and decodes
them into 32 individual current level settings. The
modulo 32 interface wraps states back to State 1
after the 32nd clock, so that the previous state is
achieved by clocking the EN/SET pin 31 times. The
counter can be clocked at speeds up to 1MHz, so
that intermediate states are not visible. The first ris-
ing edge of EN/SET enables the IC and initially sets
the output LED current to 0dB. Once the final clock
cycle is input for the desired brightness level, the
EN/SET pin is held high to maintain the device out-
put current at the programmed level. The device is
disabled 500µs after the EN/SET pin transitions to a
logic low state. The EN/SET timing is designed to
accommodate a wide range of data rates. After the
first rising edge of EN/SET, the charge pump is
enabled and reaches full capacity after the soft-start
time (T
SS). During the soft-start time, multiple clock
pulses may be entered on the EN/SET pin to set the
final output current level with a single burst of clocks.
Alternatively, the EN/SET clock pulses may be
entered one at a time to gradually increase the LED
brightness over any desired time period. A constant
current is sourced as long as EN/SET remains in a
logic high state. The current source outputs are
switched off after EN/SET has remained in a low
state for at least the T
OFF timeout period.
Current Level Settings (mA)
Address
D1-3
D4
1
0.0
0.0
2
0.5
0.0
3
1.3
0.0
4
3.3
0.0
5
8.3
0.0
6
11.1
0.0
7
15.0
0.0
8
20.0
0.0
9
0.0
1.0
10
0.5
1.0
11
1.3
1.0
12
3.3
1.0
13
8.3
1.0
14
11.1
1.0
15
15.0
1.0
16
20.0
1.0
17
0.0
15.0
18
0.5
15.0
19
1.3
15.0
20
3.3
15.0
21
8.3
15.0
22
11.1
15.0
23
15.0
15.0
24
20.0
15.0
25
0.0
30.0
26
0.5
30.0
27
1.3
30.0
28
3.3
30.0
29
8.3
30.0
30
11.1
30.0
31
15.0
30.0
32
20.0
30.0
AAT3131
High Efficiency 1X/1.5X Fractional
Charge Pump for White LED Applications
3131.2005.12.1.2
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com