Electronic Components Datasheet Search
  English  ▼

X  

AAT3131 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3131
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3131 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3131 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3131 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AAT3131
High Efficiency 1X/1.5X Fractional
Charge Pump for White LED Applications
3131.2005.12.1.2
1
ChargePump™
General Description
The AAT3131 is a low noise, constant frequency
charge pump DC/DC converter that uses a dual
mode load switch (1X) and fractional (1.5X) con-
version to maximize efficiency for white LED appli-
cations. The device can be used to produce cur-
rent levels up to 20mA in three of its outputs and
30mA in one of its outputs to drive LEDs from a
2.7V to 5.5V input. Outputs may be operated indi-
vidually or paralleled for driving higher-current
LEDs. A low external parts count (two 1µF flying
capacitors and two small 1µF capacitors at V
IN and
OUT) makes the AAT3131 ideally suited for small
battery-powered applications.
AnalogicTech's Simple Serial Control™ (S
2Cwire™)
interface is used to enable, disable, and set the LED
drive current in two groups: the three 20mA outputs
and the single 30mA output with multiple level loga-
rithmic scales. The AAT3131 has a thermal man-
agement system to protect the device in the event of
a short-circuit condition at the output pin. Built-in
soft-start circuitry prevents excessive inrush current
during start-up. A high charge pump switching fre-
quency enables the use of very small external
capacitors. A low-current shutdown feature discon-
nects the load from V
IN and reduces quiescent cur-
rent to less than 1µA. The AAT3131 is available in
a Pb-free 12-pin TSOPJW12 package and is rated
over the -40°C to +85°C temperature range.
Features
•V
IN Range: 2.7V to 5.5V
•
<1.0µA of Shutdown Current
•
1MHz Switching Frequency
•
White LED Backlighting
•
Fully Independent Display Lighting
•
Dual Mode 1X and 1.5X Charge Pump for
Maximum Efficiency
•
Drives Low-V
F and High-VF Type LEDs
•
Up to Three 20mA Outputs
•
Single 30mA Output
•
Multi-Position Logarithmic Scale with Digital
Control
•
Low Noise Constant Frequency Operation
•
Regulated Output Current
•
Automatic Soft Start
•
No Inductors
•
Temperature Range: -40°C to +85°C
•
12-Pin TSOPJW Package
Applications
•
Color (RGB) Lighting
•
Programmable Current Source
•
White LED Backlighting
•
White Photo Flash for Digital Still Cameras
Typical Application
CIN
1
µF
VBATTERY
COUT
1
µF
EN/SET
C1
1
µF
C2
1
µF
D5
D3
D2
D1
VIN
VOUT
C1+
C1-
C2+
C2-
D1
D2
D3
D4
EN/SET
GND
AAT3131
D4


Similar Part No. - AAT3131

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Skyworks Solutions Inc.
AAT3131 SKYWORKS-AAT3131 Datasheet
1Mb / 13P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
July 5, 2012
logo
Advanced Analogic Techn...
AAT3131ITP-T1 ANALOGICTECH-AAT3131ITP-T1 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131ITP-T1 ANALOGICTECH-AAT3131ITP-T1 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3134 ETC-AAT3134 Datasheet
330Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
3122.2005.11.1.3
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3123 ANALOGICTECH-AAT3123_08 Datasheet
1Mb / 19P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131_08 Datasheet
275Kb / 14P
High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com