Electronic Components Datasheet Search
  English  ▼

X  

AAT3153 Datasheet(PDF) 4 Page - Advanced Analog Technology, Inc.

Part # AAT3153
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3153 Datasheet(HTML) 4 Page - Advanced Analog Technology, Inc.

  AAT3153 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics
1
C
IN = COUT = C1 = C2 = 1.0µF; TA = -40°C to +85°C, unless otherwise noted.
Typical values are T
A = 25°C, VIN = 3.6V.
Symbol
Description
Conditions
Min
Typ
Max
Units
Input Power Supply
V
IN
Operation Range
2.7
5.5
V
1X Mode, 3.0
≤ V
IN ≤ 5.5, Active,
0.3
1
No Load Current
1.5X Mode, 3.0
≤ V
IN ≤ 5.5, Active,
1
3
mA
I
CC
Operating Current
No Load Current
2X Mode, 3.0
≤ V
IN ≤ 5.5, Active,
2.0
3.7
No Load Current
50µA Setting, 1X Mode
50
µA
I
SHDN
Shutdown Current
EN/SET = 0
1
µA
I
DX
I
SINK Average Current Accuracy
I
SET = 30mA, TA = 25°C
18
20
22
mA
I
(D-Match)
Current Matching Between Any
V
F:D1:D4 = 3.6V
0.5
%
Two Current Sink Inputs
2, 3
V
TH
1X to 1.5X or 1.5X to 2X Transition
150
mV
Threshold at Any I
SINK Pin
Charge Pump Section
T
SS
Soft-Start Time
100
µs
F
CLK
Clock Frequency
1000
kHz
EN/SET
V
EN(L)
Enable Threshold Low
V
IN = 2.7V
0.4
V
V
EN(H)
Enable Threshold High
V
IN = 5.5V
1.4
V
T
EN/SET LO
EN/SET Low Time
0.3
75
µs
T
EN/SET_HI_MIN
Minimum EN/SET High Time
50
ns
T
EN/SET_HI_MAX
Maximum EN/SET High Time
75
µs
T
OFF
EN/SET Off Timeout
500
µs
T
LAT
EN/SET Latch Timeout
500
µs
I
EN/SET
EN/SET Input Leakage
-1
1
µA
AAT3153
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
4
3153.2005.12.0.93
1. The AAT3153 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Current matching is defined as the deviation of any sink current from the average of all active channels.
3. Specification applies only to the tri-mode charge pump.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com