Electronic Components Datasheet Search
  English  ▼

X  

AAT3153 Datasheet(PDF) 8 Page - Advanced Analog Technology, Inc.

Part # AAT3153
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3153 Datasheet(HTML) 8 Page - Advanced Analog Technology, Inc.

Back Button AAT3153 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3153 Datasheet HTML 12Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AAT3153
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
8
3153.2005.12.0.93
Functional Block Diagram
1X, 1.5X, and 2X
Charge Pump
D/A
D/A
D/A
D/A
D/A
D/A
6 x 16 bit
ROM
6 x 16 bit
ROM
S2Cwire
Interface
Soft-Start
Control
1MHz
Oscillator
Voltage
Reference
VIN
EN/SET
D6
D6
D5
D4
D3
D2
D1
VOUT
C1+
C1- C2+
C2-
Functional Description
The AAT3153 is a tri-mode load switch (1X) and
high efficiency (1.5X or 2X) charge pump device
intended for white LED backlight applications. To
maximize power conversion efficiency, an internal
sensing circuit monitors the voltage required on
each constant current sink input and sets the load
switch and charge pump modes based on the input
battery voltage and the current sink input voltage.
As the battery discharges over time, the AAT3153
charge pump is enabled when any of the four cur-
rent sink inputs near dropout. The charge pump ini-
tially starts in 1.5X mode. If the charge pump out-
put drops enough for any current source output to
become close to dropout, the charge pump will
automatically transition to 2X mode. The AAT3153
requires only four external components: two 1µF
ceramic capacitors for the charge pump flying
capacitors (C
1 and C2), one 1µF ceramic input
capacitor (C
IN), and one 0.33µF to 1µF ceramic
charge pump output capacitor (C
OUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com