Electronic Components Datasheet Search
  English  ▼

X  

AAT3167 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3167
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3167 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3167 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
QFN44-16
STDFN33-14
(Top View)
(Top View)
D4
EN/SET
C1+
1
C1-
OUTCP
C2+
D3
D1
GND
IN
GND
C2-
D5 2
3
4
5
6
7
14
D2
13
12
11
10
9
8
1
2
3
4
12
11
10
9
N/C
EN/SET
N/C
OUTCP
GND
IN
GND
D1
Pin #
AAT3167ISN
AAT3167IFO
Symbol
Function
1, 3
n/a
N/C
No connection.
2
3
EN/SET
AS2Cwire serial interface control pin.
4
6
OUTCP
Charge pump output to drive load circuit. Requires 1µF ceramic capacitor
connected between this pin and ground.
5
7
C2+
Flying capacitor 2 positive terminal. Connect a 1µF ceramic capacitor
between C2+ and C2-.
6
4
C1+
Flying capacitor 1 positive terminal. Connect a 1µF ceramic capacitor
between C1+ and C1-.
7
5
C1-
Flying capacitor 1 negative terminal.
8
8
C2-
Flying capacitor 2 negative terminal.
9, 11
9, 11
GND
Ground.
10
10
IN
Input power supply. Requires 1µF ceramic capacitor connected between
this pin and ground.
12
12
D1
Current sink input #1.
13
13
D2
Current sink input #2.
14
14
D3
Current sink input #3.
15
1
D4
Current sink input #4.
16
2
D5
Current sink input #5.
EP
EP
Exposed paddle (bottom); connect to ground as closely as possible to the
package.
AAT3167
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
2
3167.2007.03.1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com