Electronic Components Datasheet Search
  English  ▼

X  

AAT3167 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT3167
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3167 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT3167 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3167 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings1
Thermal Information3
Symbol
Description
Value
Units
QFN44-164
PD
Maximum Power Dissipation
STDFN33-144
2.0
W
QFN44-16
θJA
Maximum Thermal Resistance
STDFN33-14
50
°C/W
Symbol
Description
Value
Units
VIN
Input Voltage to GND
-0.3 to 6
V
VEN/SET
EN/SET Voltage to GND
-0.3 to VIN + 0.3
V
IOUT2
Maximum DC Output Current
150
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3167
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
3167.2007.03.1.4
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Based on long-term current density limitation.
3. Mounted on a FR4 board.
4. Derate 20mW/°C above 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com