Electronic Components Datasheet Search
  English  ▼

X  

AAT4611 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT4611
Description  Current Limited Load Switch in SOT23 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4611 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT4611 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings1
TA = 25°C, unless otherwise noted.
Thermal Characteristics3
Symbol
Description
Value
Units
ΘJA
Thermal Resistance
150
°C/W
PD
Power Dissipation
667
mW
Symbol
Description
Value
Units
VIN
IN to GND
-0.3 to 6
V
VON
ON(ON) to GND
-0.3 to VIN + 0.3
V
VSET, VOUT
SET, OUT to GND
-0.3 to VIN + 0.3
V
IMAX
Maximum Continuous Switch Current
2
A
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads)
300
°C
VESD
ESD Rating2 - HBM
4000
V
AAT4611
Current Limited Load Switch in SOT23 Package
4611.2006.09.1.4
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
3. Mounted on a demo board.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com