Electronic Components Datasheet Search
  English  ▼

X  

AAT4611 Datasheet(PDF) 7 Page - Advanced Analog Technology, Inc.

Part # AAT4611
Description  Current Limited Load Switch in SOT23 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT4611 Datasheet(HTML) 7 Page - Advanced Analog Technology, Inc.

Back Button AAT4611 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT4611 Datasheet HTML 10Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Current Limit vs. Temperature
(RSET = 22.1k
Ω; VIN - VOUT = 0.5V)
-6%
-4%
-2%
0%
2%
4%
6%
-50
- 25
0
25
50
75
100
Temperature (
°C)
5
6
7
8
9
10
0
0.5
1
1.5
2
R
SET Coefficient vs. ILIM
ILIM (A)
R
SET vs. ILIM
1
10
100
0.1
10
1
ILIM (A)
AAT4611
Current Limited Load Switch in SOT23 Package
4611.2006.09.1.4
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com