Electronic Components Datasheet Search
  English  ▼

X  

DHC2803SE Datasheet(PDF) 8 Page - M.S. Kennedy Corporation

Part # DHC2803SE
Description  6W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHC2803SE Datasheet(HTML) 8 Page - M.S. Kennedy Corporation

  DHC2803SE Datasheet HTML 1Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 2Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 3Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 4Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 5Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 6Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 7Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 8Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TYPICAL PERFORMANCE CURVES
Rev. G 8/06
8
LINE TRANSIENT RESPONSE
0.0
1.6
OUTPUT CURRENT, IOUT (A)
10
12
14
16
LOW LINE DROP OUT
0.4
0.8
1.2
10K
90K
60K
20K
30K 40K
TIME, t (500
µsec/DIV)
LOAD TRANSIENT RESPONSE 1000
µF
LINE TRANSIENT RESPONSE
EFFICIENCY CONTOURS
11
30
50
40
20
OUTPUT CURRENT, IOUT (A)
.96
.12 .24
.48
.78
1.2
SET POINT RESISTOR, RSP (Ω)
TIME, t (5msec/DIV)
12
16
20
24
28
TURN ON THRESHOLD
TURN ON RESPONSE
100 200 400
FREQUENCY, f (Hz)
–100
AUDIO REJECTION
0
–20
–40
1K 2K
10K 20K
100K
–60
–80
5.0V
0V
0V
28V
VOUT
VIN
TEMP = 25
°C
TEMP = 25
°C
30%
40%
50%
55%
60%
65%
68%
70%
71%
72%
EFFICIENCY CONTOURS
OUTPUT CURRENT, IOUT (A)
TEMP =
125
°C
30%
40%
50%
55%
60%
63%
66%
68%
69%
70%
EFFICIENCY CONTOURS
11
50
40
20
30
11
50
40
20
30
OUTPUT CURRENT, IOUT (A)
.96
.24
.12
.48
.78
1.2
.96
.24
.12
.48
.78
1.2
TEMP = –55
°C
30%
40%
50%
55%
68%
69%
70%
60%
66%
63%
INCLUDES 1000
µF ON OUTPUT BUS
TIME, t (200
µsec/DIV)
TIME, t (200
µsec/DIV)
TIME, t (200
µsec/DIV)
LOAD TRANSIENT RESPONSE 100
µF
INCLUDES 100
µF ON OUTPUT BUS
INCLUDES 100
µF ON OUTPUT BUS
INCLUDES 100
µF ON OUTPUT BUS
INCLUDES 100
µF ON OUTPUT BUS
TIME, t (100
µsec/DIV)
LOAD TRANSIENT RESPONSE
1.2A
LOAD = 1.2A
LOAD = 1.2A
LOAD = 1.2A
1.2A
600mA
600mA
VOUT
VOUT
VOUT
VOUT
VIN
VIN
11V
16V
600mA
80V
40V
1.2A
VOUT
IOUT
IOUT
IOUT
NO OUTPUT BUS CAPCITANCE
VIN = 28V
IOUT = 1.2A
DHC2805S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com