Electronic Components Datasheet Search
  English  ▼

X  

DHC2803SE Datasheet(PDF) 9 Page - M.S. Kennedy Corporation

Part # DHC2803SE
Description  6W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHC2803SE Datasheet(HTML) 9 Page - M.S. Kennedy Corporation

  DHC2803SE Datasheet HTML 1Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 2Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 3Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 4Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 5Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 6Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 7Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 8Page - M.S. Kennedy Corporation DHC2803SE Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MECHANICAL SPECIFICATIONS
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6572
www.mskennedy.com
Rev. G 8/06
ORDERING INFORMATION
ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED
ESD TRIANGLE INDICATES PIN 1
9
Screening Level
DHC2803S
DHC2803SE
DHC2803SH
DHC2805S
DHC2805SE
DHC2805SH
5962-93092
5962-94629
Part
Number
Industrial
Extended Reliability
Mil-PRF-38534 Class H
Industrial
Extended Reliability
Mil-PRF-38534 Class H
DSCC-SMD for DHC2805S
DSCC-SMD for DHC2805S
Output
Voltage
3.3V
5.0V
CONTAINS INTERNAL BeO (BERYLLIUM OXIDE)
WEIGHT= 14.5 GRAMS TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com