Electronic Components Datasheet Search
  English  ▼

X  

RT6258C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT6258C
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6258C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT6258C Datasheet HTML 1Page - Richtek Technology Corporation RT6258C Datasheet HTML 2Page - Richtek Technology Corporation RT6258C Datasheet HTML 3Page - Richtek Technology Corporation RT6258C Datasheet HTML 4Page - Richtek Technology Corporation RT6258C Datasheet HTML 5Page - Richtek Technology Corporation RT6258C Datasheet HTML 6Page - Richtek Technology Corporation RT6258C Datasheet HTML 7Page - Richtek Technology Corporation RT6258C Datasheet HTML 8Page - Richtek Technology Corporation RT6258C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
®
DS6258B/C-03 November 2020
www.richtek.com
1
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
RT6258B/C
Features
4.5V to 23V (RT6258B) and 5.1V to 23V (RT6258C)
Input Voltage Range 8A Output Current
ACOT
® Mode Performs Fast Transient Response
ACOT
® Architecture to Enable All MLCC Output
Capacitor Usage
Fixed 750kHz (RT6258C) and 500kHz (RT6258B)
Switching Frequency
High Efficient Internal Power MOSFET Switch-
20m
Ω
Ω
Ω
Ω
Ω (High-Side) and 10mΩ
Ω
Ω
Ω
Ω (Low-Side)
Fixed 3.3V (RT6258B) and 5V (RT6258C) LDOs
Output Supply 100mA
Pre-biased Soft-Start
Cycle-by-Cycle Over-Current Protection
Input Under-Voltage Lockout
Thermal Shutdown Protection
Output Over-/Under-Voltage Protection
Ultrasonic Mode (USM)
General Description
The RT6258B/C is an advanced constant on-time (ACOT®)
mode synchronous buck converter. The main control loop
of the RT6258B/C using an advanced constant on-time
(ACOT®) mode control which provides a very fast transient
response. The RT6258B operates from 4.5V to 23V input
voltage and the RT6258C operates from 5.1V to 23V.
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
Marking Information
Package Type
QUF : UQFN-12HL 3x3 (FC) (U-Type)
RT6258B/C
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
B : 3.3V
C : 5.1V
LE=YM
DNN
LE= : Product Code
YMDNN : Date Code
RT6258BGQUF
LJ=YM
DNN
LJ= : Product Code
YMDNN : Date Code
RT6258CGQUF


Similar Part No. - RT6258C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
More results

Similar Description - RT6258C

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2857F AIC-AIC2857F Datasheet
514Kb / 12P
2A 23V Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
logo
Richtek Technology Corp...
RT6226A RICHTEK-RT6226A Datasheet
435Kb / 26P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
September 2019
RT6310 RICHTEK-RT6310 Datasheet
1Mb / 54P
10A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
August 2023
RT6316B RICHTEK-RT6316B Datasheet
405Kb / 25P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
logo
JOULWATT
JW5068A JW-JW5068A Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.5
JW5068C JW-JW5068C Datasheet
159Kb / 1P
23V/8A Sync. Step-Down Converter
Rev.0.4
logo
Richtek Technology Corp...
RT6256B RICHTEK-RT6256B Datasheet
411Kb / 24P
6A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com