Electronic Components Datasheet Search
  English  ▼

X  

RT6258C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6258C
Description  8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6258C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6258C Datasheet HTML 9Page - Richtek Technology Corporation RT6258C Datasheet HTML 10Page - Richtek Technology Corporation RT6258C Datasheet HTML 11Page - Richtek Technology Corporation RT6258C Datasheet HTML 12Page - Richtek Technology Corporation RT6258C Datasheet HTML 13Page - Richtek Technology Corporation RT6258C Datasheet HTML 14Page - Richtek Technology Corporation RT6258C Datasheet HTML 15Page - Richtek Technology Corporation RT6258C Datasheet HTML 16Page - Richtek Technology Corporation RT6258C Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
RT6258B/C
13
DS6258B/C-03 November 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
High Voltage Conversion Ratio Function
Due to minimum off time limitation, the voltage conversion
ratio will be limited in 2S battery application. Therefore
the RT6258C provides increasing on-time function to
enhance voltage conversion ratio for 2S battery application.
Diode Emulation Mode (DEM)
In diode emulation mode, the RT6258B/C automatically
reduces switching frequency at light load conditions to
maintain high efficiency. This reduction of frequency is
achieved smoothly. As the output current decreases from
heavy load condition, the inductor current is also reduced,
and eventually comes to the point that its current valley
touches zero, which is the boundary between continuous
conduction and discontinuous conduction modes. To
emulate the behavior of diodes, the low-side MOSFET
allows only partial negative current to flow when the
inductor free wheeling current becomes negative. As the
load current is further decreased, it takes longer and longer
time to discharge the output capacitor to the level that
requires the next “ON” cycle. In reverse, when the output
current increases from light load to heavy load, the
switching frequency increases to the preset value as the
inductor current reaches the continuous conduction. The
transition load point to the light load operation is shown in
Figure 2. and can be calculated as follows :
IN
OUT
LOAD
ON
(V
V
)
It
2L

where tON is the on-time.
t
IL
Slope = (VIN - VOUT) / L
IPEAK
ILOAD = IPEAK / 2
tON
Figure 2. Boundary Condition of CCM/DEM
The switching waveforms may appear noisy and
asynchronous when light load causes diode emulation
operation. This is normal and results in high efficiency.
Trade offs in DEM noise vs. light load efficiency is made
by varying the inductor value.Generally, low inductor values
produce a broader efficiency vs. load curve, while higher
values result in higher full load efficiency (assuming that
the coil resistance remains fixed) and less output voltage
ripple. Penalties for using higher inductor values include
larger physical size and degraded load transient response
(especially at low input voltage levels).
At boundary condition of discontinuous switching and
continuous, the on-time is immediately increased to add
“hysteresis” to discourage the IC from discontinuous
switching back to continuous switching unless the load
increases substantially. The IC returns to continuous
switching as soon as an on-time is generated before the
inductor current reaches zero. The on-time is reduced back
to the length needed for designed switching frequency
and encouraging the circuit to remain in continuous
conduction, preventing repetitive mode transitions between
continuous switching and discontinuous switching.
Ultrasonic Mode (USM)
The RT6258B/C activates a unique type of diode emulation
mode with a minimum switching period of 30
μs (typical),
called ultrasonic mode. This mode eliminates audio-
frequency modulation that would otherwise be present
when a lightly loaded controller automatically skips
pulses. In ultrasonic mode, the low-side switch gate driver
signal is “OR”ed with an internal oscillator (>33kHz).
Once the internal oscillator is triggered, the controller will
turn on UGATE and give it shorter on-time. When the on-
time expired, LGATE turns on until the inductor current
goes to zero crossing threshold and keep both high-side
and low-side MOSFET off to wait for the next trigger.
Because shorter on-time causes a smaller pulse of the
inductor current, the controller can keep output voltage
and switching frequency simultaneously. The on-time
decreasing has a limitation and the output voltage will be
lifted up under the slight load condition. After decreased
on-time, the controller employs longer LGATE to pull down
the output voltage, which can keep output voltage at correct
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com