Electronic Components Datasheet Search
  English  ▼

X  

DRA821 Datasheet(PDF) 16 Page - Texas Instruments

Part # DRA821
Description  DRA821 Jacinto™ Processors
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRA821 Datasheet HTML 12Page - Texas Instruments DRA821 Datasheet HTML 13Page - Texas Instruments DRA821 Datasheet HTML 14Page - Texas Instruments DRA821 Datasheet HTML 15Page - Texas Instruments DRA821 Datasheet HTML 16Page - Texas Instruments DRA821 Datasheet HTML 17Page - Texas Instruments DRA821 Datasheet HTML 18Page - Texas Instruments DRA821 Datasheet HTML 19Page - Texas Instruments DRA821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 253 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
Y21
MCAN3_TX
MCAN3_TX
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1/0
Yes
RGMII1_TD2
4
O
RMII4_CRS_DV
5
I
0
MCAN3_TX
6
O
GPIO0_15
7
IO
pad
SPI5_D0
8
IO
0
EHRPWM0_A
9
IO
0
TRC_DATA1
10
O
MCASP0_AXR1
12
IO
0
GPMC0_AD10
14
IO
0
Y20
MCAN4_RX
MCAN4_RX
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1
1/0
Yes
RGMII1_TXC
4
O
RMII4_TX_EN
5
O
MCAN4_RX
6
I
1
GPIO0_18
7
IO
pad
SPI5_D1
8
IO
0
EHRPWM1_B
9
IO
0
TRC_DATA4
10
O
I2C2_SDA
11
IOD
1
MCASP0_AXR2
12
IO
0
GPMC0_AD12
14
IO
0
W15
MCAN4_TX
MCAN4_TX
0
O
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
1/0
Yes
RGMII1_TX_CTL
4
O
RMII4_TXD0
5
O
MCAN4_TX
6
O
GPIO0_17
7
IO
pad
SPI5_CLK
8
IO
0
EHRPWM0_SYNCI
9
I
0
TRC_CLK
10
O
I2C2_SCL
11
IOD
1
MCASP0_ACLKX
12
IO
0
GPMC0_AD11
14
IO
0
DRA821U-Q1, DRA821U
SPRSP57E – APRIL 2020 – REVISED JUNE 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1 DRA821U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com