Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA810
Description  OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA810 Datasheet HTML 9Page - Texas Instruments OPA810 Datasheet HTML 10Page - Texas Instruments OPA810 Datasheet HTML 11Page - Texas Instruments OPA810 Datasheet HTML 12Page - Texas Instruments OPA810 Datasheet HTML 13Page - Texas Instruments OPA810 Datasheet HTML 14Page - Texas Instruments OPA810 Datasheet HTML 15Page - Texas Instruments OPA810 Datasheet HTML 16Page - Texas Instruments OPA810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
7.8 Typical Characteristics: VS = ±5 V (continued)
at VS+ = 5 V, VS– = –5 V, RF = 0 Ω for G = 1 V/V; otherwise, RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA ≅ 25°C (unless otherwise noted)
Input Common-Mode Voltage (V)
-5.5 -4.5 -3.5 -2.5 -1.5 -0.5 0.5
1.5
2.5
3.5
4.5
5.5
-400
-200
0
200
400
Figure 7-13. Input Bias Current vs Input Common-Mode Voltage
Output Current (mA)
0
4
8
12
16
20
24
28
-6
-4
-2
0
2
4
6
Sourcing
Sinking
Figure 7-14. Output Voltage vs Load Current
Ambient Temperature (
C)
-40
-20
0
20
40
60
80
100
120
-60
-40
-20
0
20
40
60
Sourcing
Sinking
Output saturated and then short-circuited to opposite supply
Figure 7-15. Output Short-Circuit Current vs Ambient
Temperature
Quiescent Current per Channel (
A)
740
760
780
800
820
840
860
880
0
4000
8000
12000
16000
μ = 790 μA, σ = 13.8 μA
Figure 7-16. Quiescent Current Distribution
Input Bias Current (nA)
175
200
225
250
275
300
325
350
0
4000
8000
12000
16000
μ = 265 nA, σ = 18.6 nA
Figure 7-17. Input Bias Current Distribution
Input Offset Voltage (
V)
-40
-30
-20
-10
0
10
20
30
40
0
2000
4000
6000
8000
10000
12000
μ = 0.1 μV, σ = 9.1 μV
Figure 7-18. Input Offset Voltage Distribution
www.ti.com
OPA863A, OPA2863A
SBOSA95C – MAY 2022 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com