Electronic Components Datasheet Search
  English  ▼

X  

OPA810 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA810
Description  OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA810 Datasheet(HTML) 3 Page - Texas Instruments

  OPA810 Datasheet HTML 1Page - Texas Instruments OPA810 Datasheet HTML 2Page - Texas Instruments OPA810 Datasheet HTML 3Page - Texas Instruments OPA810 Datasheet HTML 4Page - Texas Instruments OPA810 Datasheet HTML 5Page - Texas Instruments OPA810 Datasheet HTML 6Page - Texas Instruments OPA810 Datasheet HTML 7Page - Texas Instruments OPA810 Datasheet HTML 8Page - Texas Instruments OPA810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
5 Device Comparison Table
DEVICE
±VS
(V)
IQ/CHANNEL
(mA)
GBWP
(MHz)
SLEW RATE
(V/µs)
VOLTAGE NOISE
(nV/√ Hz)
AMPLIFIER DESCRIPTION
OPAx863A
±6.3
0.80
50
100
6.3
Unity-gain stable RRIO bipolar amplifier
LMH6643
±6.4
2.7
65
130
17
Unity-gain stable NRI/RRO bipolar amplifier
OPA810
±13.5
3.6
70
200
6.3
Unity-gain stable RRIO FET-input amplifier
OPA837
±2.7
0.6
50
105
4.7
Unity-gain stable NRI/RRO bipolar amplifier
OPA607
±2.75
0.9
50
24
3.8
Decompensated gain of 6 V/V stable CMOS
amplifier
6 Pin Configuration and Functions
1
2
3
4
VOUT
VS-
VS+
VIN+
VIN-
5
Figure 6-1. OPA863A DBV Package (Preview),
5-Pin SOT-23
(Top View)
Table 6-1. Pin Functions: OPA863A
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
PD
—
I
Power down.
Low = disabled, high = enabled
VIN+
3
I
Noninverting input pin
VIN–
4
I
Inverting input pin
VOUT
1
O
Output pin
VS–
2
P
Negative power-supply pin
VS+
5
P
Positive power-supply pin
(1)
I = input, O = output, and P = power.
www.ti.com
OPA863A, OPA2863A
SBOSA95C – MAY 2022 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA863A OPA2863A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com