Electronic Components Datasheet Search
  English  ▼

X  

SY88904KC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88904KC
Description  FIBER OPTIC MODULE CONTROLLER WITH APC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88904KC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88904KC Datasheet HTML 1Page - Micrel Semiconductor SY88904KC Datasheet HTML 2Page - Micrel Semiconductor SY88904KC Datasheet HTML 3Page - Micrel Semiconductor SY88904KC Datasheet HTML 4Page - Micrel Semiconductor SY88904KC Datasheet HTML 5Page - Micrel Semiconductor SY88904KC Datasheet HTML 6Page - Micrel Semiconductor SY88904KC Datasheet HTML 7Page - Micrel Semiconductor SY88904KC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
SY88904
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s DC bias current adjustable to 25mA
s Buffered Loss-of-Signal output when used with
SY88903
s Controlled laser diode turn on
s Laser diode over-current detect
s Monitor diode power control circuit
s Laser diode driver enable
s Designed for use with SY88902 and SY88903
s Single power supply
s Available in 16-pin MSOP
The SY88904 is an integrated controller for the SY88902
Laser Driver and SY88903 Laser Receiver that provides
power control and system interface functions for a complete
module solution. The SY88904 is designed to provide the
laser diode with an independent DC threshold current (IBIAS)
source to assure optimum laser diode performance. It has
special safety features which disable the currents to the
laser diode if certain faults are detected in the module. The
SY88904 also provides buffered Loss-of-Signal (LOS) output
in open collector level. The device is designed for fast and
accurate calibration of the laser diode as well as deriving
the control signals for system integration.
The SY88904 provides for delayed turn on of the laser
diode on system start up, chatter-free Loss-of-Signal, Low
VCC detect and laser diode over-current situations. Once
the optimal operating point is determined and set for a
specific laser diode, the threshold current (IBIAS) is designed
to automatically compensate for laser diode aging and
module temperature.
FEATURES
FIBER OPTIC MODULE
CONTROLLER WITH APC
SY88904
APPLICATIONS
s Controller for High Speed Optical Data Transmission
s 1.25Gbps Gigabit Ethernet
s 531 Mbps and 1062Mbps Fibre Channel
s 622Mbps SONET
s Gigabit Interface Converter
BLOCK DIAGRAM
Fault
Detect
Circuit
TX_Out
TX_Fault
TX_Disable
IPIN SET
LOSOUT
GND
VREF 4
II_LIMIT
MD_Low
VREF 3
VREF 2
VCC
VREF
IBIAS FB
IBIAS SET
40X
LOSIN
-
+
-
+
-
+
ILIMIT SET
IBIAS
MD
VCC DET
4.75
RWIN
VCC DET
TTL
PECL
PECL
OC
TTL
Rev.: B
Amendment: /0
Issue Date:
August 2005


Similar Part No. - SY88904KC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88902 MICREL-SY88902 Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88902KC MICREL-SY88902KC Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88902KCTR MICREL-SY88902KCTR Datasheet
79Kb / 8P
LASER DIODE DRIVER WTIH OUTPUT ENABLE
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
91Kb / 7P
1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88904KC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
FIBER OPTIC TRANSMITTING MODULE
TOTX179 TOSHIBA-TOTX179 Datasheet
114Kb / 5P
FIBER OPTIC TRANSMITTING MODULE
TODX270 TOSHIBA-TODX270 Datasheet
174Kb / 9P
FIBER OPTIC TRANSCEIVING MODULE
TOTX194 TOSHIBA-TOTX194 Datasheet
140Kb / 8P
FIBER OPTIC TRANSMITTING MODULE
TORX173 TOSHIBA-TORX173 Datasheet
134Kb / 7P
FIBER OPTIC RECEIVING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
FIBER OPTIC TRANSMITTING MODULE
logo
Molex Electronics Ltd.
0885271102 MOLEX10-0885271102 Datasheet
78Kb / 2P
FC/APC-to-SC/APC, Singlemode, Standard Fiber Optic Cable Assembly
logo
COSMO Electronics Corp...
KPLR2500M4X COSMO-KPLR2500M4X Datasheet
163Kb / 4P
FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com