Electronic Components Datasheet Search
  English  ▼

X  

SY88904KC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88904KC
Description  FIBER OPTIC MODULE CONTROLLER WITH APC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88904KC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88904KC Datasheet HTML 1Page - Micrel Semiconductor SY88904KC Datasheet HTML 2Page - Micrel Semiconductor SY88904KC Datasheet HTML 3Page - Micrel Semiconductor SY88904KC Datasheet HTML 4Page - Micrel Semiconductor SY88904KC Datasheet HTML 5Page - Micrel Semiconductor SY88904KC Datasheet HTML 6Page - Micrel Semiconductor SY88904KC Datasheet HTML 7Page - Micrel Semiconductor SY88904KC Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SY88904
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
TX_Disable, LOS
Input Voltage
0 to VCC
V
LOSOC, IPIN SET, ILIMIT SET
Others; I/O Voltage
–0.3V, VCC +0.3V
V
IBIASFB, IBIAS SET
TX_Out
Output Voltage (with 50
Ω load)
VCC –2.5V, VCC +0.3V
V
TA
Operating Temperature Range
0
°C to +85°C
°C
Tstore
Storage Temperature Range
–55
°C to +125°C
°C
Theta Junction to Ambient
93
°C/W
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
ICC
Power Supply Current
—
—
60
—
—
60
—
—
60
mA
No output load
IBIAS
IBIAS Output Current
2
—
25
2
—
25
2
—
25
mA
IBIAS SET
IBIAS SET Input Current
—
—
0.625
—
—
0.625
—
—
0.625
mA
DC ELECTRICAL CHARACTERISTICS
VCC = +5V, RLOAD = 50
Ω to 3V, TA = 0°C to +85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com