Electronic Components Datasheet Search
  English  ▼

X  

SY88905 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88905
Description  LASER DIODE CONTROLLER WITH APC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88905 Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88905 Datasheet HTML 1Page - Micrel Semiconductor SY88905 Datasheet HTML 2Page - Micrel Semiconductor SY88905 Datasheet HTML 3Page - Micrel Semiconductor SY88905 Datasheet HTML 4Page - Micrel Semiconductor SY88905 Datasheet HTML 5Page - Micrel Semiconductor SY88905 Datasheet HTML 6Page - Micrel Semiconductor SY88905 Datasheet HTML 7Page - Micrel Semiconductor SY88905 Datasheet HTML 8Page - Micrel Semiconductor SY88905 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SY88905
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
LOGIC DIAGRAM
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
LOSIN
Input Voltage
0 to VCC
V
LOSOUT, IPIN SET
Others; I/O Voltage
–0.3, VCC +0.3
V
IBIASFB, IBIAS SET
TA
Operating Temperature Range
0 to +85
˚C
Tstore
Storage Temperature Range
–55 to +125
˚C
IPIN SET, IBIAS SET, IMD
Max. Sink Current
1
mA
IBIASFB
Max. Source Current
1
mA
IBIAS
Max. Sink Current
30
mA
IVREF
Max. Source Current
2
mA
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
VCC – 1025 VCC – 880 VCC – 1025 VCC – 880 VCC – 1025 VCC – 880
mV
50
Ω to VCC–2V
VOL
Output LOW Voltage
VCC –1810 VCC –1620 VCC –1810 VCC –1620 VCC –1810 VCC–1620
mV
50
Ω to VCC–2V
100H ECL DC ELECTRICAL(1)
VCC = +5V
±10%
Note:
1. 100H circuits are designed to meet the DC specifications shown in the table where transverse airflow greater than 500lfpm is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com