Electronic Components Datasheet Search
  English  ▼

X  

SY88905 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88905
Description  LASER DIODE CONTROLLER WITH APC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88905 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88905 Datasheet HTML 1Page - Micrel Semiconductor SY88905 Datasheet HTML 2Page - Micrel Semiconductor SY88905 Datasheet HTML 3Page - Micrel Semiconductor SY88905 Datasheet HTML 4Page - Micrel Semiconductor SY88905 Datasheet HTML 5Page - Micrel Semiconductor SY88905 Datasheet HTML 6Page - Micrel Semiconductor SY88905 Datasheet HTML 7Page - Micrel Semiconductor SY88905 Datasheet HTML 8Page - Micrel Semiconductor SY88905 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SY88905
Micrel, Inc.
M9999-081005
hbwhelp@micrel.com or (408) 955-1690
DETAILED DESCRIPTION
The SY88905 is an integrated control circuit for laser
diode modules intended for high-frequency fiber-optic
applications. The device is designed to operate with the
SY88902 laser diode driver providing Automatic Power
Control (APC) which provides bias current control and
monitor diode interface. The device also interfaces with the
SY88903 high-speed limiting amplifier providing chatter-free
Loss of Signal function.
Laser Diode Supply Current
The SY88905 provides the adjustable drive current for
the laser diode, DC bias.
Monitor Diode
The MD pin on the SY88905 provides low frequency
light intensity, laser power out feedback from the monitor
diode in the laser diode package. This feedback is used to
adjust the IBIAS level through the Automatic Power Control
circuit to maintain a near constant power output from the
laser diode.
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ. Max. Unit
Conditions
ICC
Power Supply Current
—
—
40
—
28
40
—
—
40
mA
No output load
IBIAS SET
IBIAS SET Input Current
—
—
0.9
—
—
0.9
—
—
0.9
mA
IBIAS
IBIAS Output Current
0.5
—
25
0.5
—
25
0.5
—
25
mA
ABIAS
IBIAS Current Gain
28
—
44
28
37
44
28
—
44
=IBIAS / IBIAS SET
VREF
Reference Voltage
2.30
—
3.30
2.30
2.75
3.30
2.30
—
3.30
V
IREF = -100
µA
∆VPIN SET
VPIN SET Voltage Tracking
0.95
—
1.35
0.95
1.13
1.35
0.95
—
1.35
V
=VREF – VPIN SET
∆VBIAS SET VBIAS Voltage Tracking
0.8
—
1.20
0.8
1.0
1.20
0.8
—
1.20
V
=VREF – VBIAS SET
VCOMP BIAS
Compliance Voltage
0.1
—
1.0
0.1
0.4
1.0
0.1
—
1.0
V
IBIAS = 15mA
IBIAS FB
Feedback Current(1)
350
—
—
350
500
—
350
—
—
µA
ABIAS FB
Feedback Gain(2)
4
—
14
4
—
14
4
—
14
DC ELECTRICAL CHARACTERISTICS
VCC = +5V
±10%
Notes:
1.
|IMD – IPIN SET| = 100
µA
2.
|IBIAS FB| / |IMD – IPIN SET|
Note:
1. Individual product specifications over-ride general specifications.
TTL DC ELECTRICAL CHARACTERISTICS
VCC = +5V
±10%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
—
2.0
—
2.0
—
V
—
VIL
Input LOW Voltage
—
0.8
—
0.8
—
0.8
V
—
IIH
Input HIGH Current
—
20
—
20
—
20
µAVIN = 2.7V
—
100
—
100
—
100
VIN = VCC
IIL
Input LOW Current
—
–0.3
—
–0.3
—
–0.3
mA
VIN = 0.5V
VIK
Input Clamp Voltage
—
–1.2
—
–1.2
—
–1.2
V
IIN = –12mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com